Electronic Components Datasheet Search
  English  ▼

X  

VK05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VK05
Description  ELECTRONIC DRIVER FOR CFL APPLICATION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VK05 Datasheet(HTML) 1 Page - STMicroelectronics

  VK05 Datasheet HTML 1Page - STMicroelectronics VK05 Datasheet HTML 2Page - STMicroelectronics VK05 Datasheet HTML 3Page - STMicroelectronics VK05 Datasheet HTML 4Page - STMicroelectronics VK05 Datasheet HTML 5Page - STMicroelectronics VK05 Datasheet HTML 6Page - STMicroelectronics VK05 Datasheet HTML 7Page - STMicroelectronics VK05 Datasheet HTML 8Page - STMicroelectronics VK05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
September 2002
1/14
®
VK05CFL
ELECTRONIC DRIVER FOR CFL APPLICATION
s
EMITTER SWITCH POWER OUTPUT STAGE
s
INTEGRATED ANTIPARALLEL COLLECTOR
SOURCE DIODE
s
INTEGRATED DIAC FUNCTION
s
NOMINAL WORKING FREQUENCY
SETTABLE BY EXTERNAL CAPACITOR
s
IGNITION FREQUENCY SET BY LOAD
DESCRIPTION
The VK05CFL is a monolithic device housed in a
standard
SO-8
package,
made
by
using
STMicroelectronics
proprietary
VIPower
M3
Technology. This device is intended both for the
low side and the high side driver in half bridge CFL
applications. This means that it is possible to
realize a
complete H-bridge
by
using
two
VK05CFL
devices:
one
connected
in
HSD
configuration and the other connected in LSD
configuration. In the VK05CFL used in HSD
configuration, the diac pin must be connected to
source pin. Both diac functionality and discharge
circuit for external diac capacitor are integrated.
By an external capacitor it is possible to choose
the nominal working frequency without influence
on the ignition one.
TYPE
BV
ICrms
IPeak
VK05CFL
520 V
0.25A
1.5A
SO-8
BLOCK DIAGRAM
-
+
osc
2Vref
-
+
Diac
sec
diac
Source
Collector
5Vref
R


Similar Part No. - VK05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VK05CFL STMICROELECTRONICS-VK05CFL Datasheet
311Kb / 14P
ELECTRONIC DRIVER FOR CFL APPLICATION
Dec-2003
VK05CFL STMICROELECTRONICS-VK05CFL_03 Datasheet
311Kb / 14P
ELECTRONIC DRIVER FOR CFL APPLICATION
Dec-2003
More results

Similar Description - VK05

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
630 V driver IC for CFL and TL lamps
2001 Jan 30
logo
STMicroelectronics
L6567 STMICROELECTRONICS-L6567 Datasheet
115Kb / 15P
HIGH VOLTAGE DRIVER FOR CFL
Jan-2000
VK06TL STMICROELECTRONICS-VK06TL Datasheet
33Kb / 2P
ELECTRONIC DRIVER FOR TL BALLASTS
Apr-2004
VK05CFL STMICROELECTRONICS-VK05CFL_03 Datasheet
311Kb / 14P
ELECTRONIC DRIVER FOR CFL APPLICATION
Dec-2003
logo
NXP Semiconductors
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
logo
STMicroelectronics
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
Sep-2003
logo
NXP Semiconductors
AN10803 PHILIPS-AN10803_15 Datasheet
1Mb / 30P
Triac dimmable CFL application using the UBA2028
Rev. 2-27 February 2012
AN_UBA2024T PHILIPS-AN_UBA2024T_15 Datasheet
400Kb / 18P
CFL applications
2003-August-25
logo
Inchange Semiconductor ...
BUZ206 ISC-BUZ206 Datasheet
65Kb / 2P
Easy driver for cost effective application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com