Electronic Components Datasheet Search
  English  ▼

X  

ATF1508RE Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATF1508RE
Description  Highperformance CPLD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508RE Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATF1508RE Datasheet HTML 17Page - ATMEL Corporation ATF1508RE Datasheet HTML 18Page - ATMEL Corporation ATF1508RE Datasheet HTML 19Page - ATMEL Corporation ATF1508RE Datasheet HTML 20Page - ATMEL Corporation ATF1508RE Datasheet HTML 21Page - ATMEL Corporation ATF1508RE Datasheet HTML 22Page - ATMEL Corporation ATF1508RE Datasheet HTML 23Page - ATMEL Corporation ATF1508RE Datasheet HTML 24Page - ATMEL Corporation ATF1508RE Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
3682A–PLD–10/08
ATF1508RE
Note:
1. See ordering information for valid part numbers.
2. SSTL is not supported for low drive output (LD).
t
ZX1
Output Buffer Enable Delay
(High Drive; C
L = 35 pF)
V
CCIO = 1.5V
V
CCIO = 1.8V
VCCIO = 2.5V
VCCIO = 3.3V
5.0
4.5
3.5
3.0
6.0
5.5
4.5
4.0
ns
tZX2
Output Buffer Enable Delay
(Low Drive; CL = 35 pF)
VCCIO = 1.5V
VCCIO = 1.8V
V
CCIO = 2.5V
VCCIO = 3.3V
6.0
5.5
4.5
4.0
7.0
6.5
5.5
5.0
ns
t
XZ
Output Buffer Disable Delay (C
L = 5 pF)
4
4
ns
tSUI
Register Setup Time
1.7
2.2
ns
tHI
Register Hold Time
0.5
0.6
ns
t
FSUI
Register Setup Time of Fast Input
0.5
0.6
ns
tFHI
Register Hold Time of Fast Input
0.5
0.6
ns
tRD
Register Delay
0.7
1.2
ns
t
COMB
Combinatorial Delay
1.2
1.2
ns
tIC
Array Clock Delay
1.8
1.8
ns
tEN
Register Enable Time
2.5
3
ns
t
GLOB
Global Control Delay
1.8
2
ns
tPRE
Register Preset Time
1.75
2
ns
t
CLR
Register Clear Time
1.75
2
ns
t
UIM
Switch Matrix Delay
0.5
0.8
ns
tSCH
Schmitt Trigger Added Delay
1.5
2
ns
t
SSO
Output Added Delay for V
CCIO Level
(LD)
V
CCIO = 1.5V
VCCIO = 1.8V
V
CCIO = 2.5V
V
CCIO = 3.3V
6.5
5.5
5.25
5
8.5
7.5
7.25
7
ns
SSTL2-1_IAD(2)
SSTL3-1_IAD(2)
SSTL Input Delay Adder (HD)
V
CCIO = 2.5V
V
CCIO = 3.3V
1.5
1.5
1.5
1.5
ns
SSTL2-1_OAD(2)
SSTL3-1_OAD(2)
SSTL Output Delay Adder (HD)
V
CCIO = 2.5V
V
CCIO = 3.3V
1
1
1
1
ns
Table 11-1.
AC Characteristics (Continued)
(1)
Symbol
Parameter
-5
-7
Units
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com