Electronic Components Datasheet Search
  English  ▼

X  

MG2RTP Datasheet(PDF) 3 Page - ATMEL Corporation

Part # MG2RTP
Description  Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MG2RTP Datasheet(HTML) 3 Page - ATMEL Corporation

  MG2RTP Datasheet HTML 1Page - ATMEL Corporation MG2RTP Datasheet HTML 2Page - ATMEL Corporation MG2RTP Datasheet HTML 3Page - ATMEL Corporation MG2RTP Datasheet HTML 4Page - ATMEL Corporation MG2RTP Datasheet HTML 5Page - ATMEL Corporation MG2RTP Datasheet HTML 6Page - ATMEL Corporation MG2RTP Datasheet HTML 7Page - ATMEL Corporation MG2RTP Datasheet HTML 8Page - ATMEL Corporation MG2RTP Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
4116M–AERO–06/06
MG2RTP
I/O Buffer
Interfacing
I/O Flexibility
All I/O buffers may be configured as input, output, bi-directional, oscillator or supply. A level
translator is located close to each buffer.
Inputs
Input buffers with CMOS or TTL thresholds are non inverting and feature versions with and with-
out hysteresis. The CMOS and TTL input buffers may incorporate pull-up or pull down
terminators. For special purposes, a buffer allowing direct input to the matrix core is available.
Outputs
Several kinds of CMOS and TTL output drivers are offered: fast buffers with 3, 6, 12 and 24 mA
drive at 5V, low noise buffers with 12 mA drive at 5V.
Clock Generation and PLL
Clock Generation
Atmel offers 5 different types of oscillators: 3 high frequency crystal oscillators and 2 RC oscilla-
tors. For all devices, the mark-space ratio is better than 40/60 and the start-up time less than 10
ms.
PLL
Contact factory.
Frequency (MHz)
Typical Consumption (mA)
Oscillators
Max 5V
Max 3V
5V
3V
Xtal 7M
10
6
1.2
0.4
Xtal 50M
60
35
7
2
Xtal 100M
120
70
16
5
RC 10M
10
10
2
1
RC 32M
32
32
3
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com