Electronic Components Datasheet Search
  English  ▼

X  

2SC4242 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SC4242
Description  POWER TRANSISTOR(7A,400V,40W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SC4242 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SC4242 Datasheet HTML 1Page - Mospec Semiconductor 2SC4242 Datasheet HTML 2Page - Mospec Semiconductor 2SC4242 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SC4242

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC4242 ETC-2SC4242 Datasheet
105Kb / 1P
MOLD TYPE BIPOLAR TRANSISTORS
logo
Suntac Electronic Corp.
2SC4242 SUNTAC-2SC4242 Datasheet
129Kb / 2P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE,HIGH SPEED SWITCHING
logo
Savantic, Inc.
2SC4242 SAVANTIC-2SC4242 Datasheet
152Kb / 4P
Silicon NPN Power Transistors
logo
Dc Components
2SC4242 DCCOM-2SC4242 Datasheet
196Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
2SC4242 UTC-2SC4242 Datasheet
145Kb / 4P
SWITCHMODE SERIES NPN POWER TRANSISTORS
More results

Similar Description - 2SC4242

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5427 MOSPEC-2N5427 Datasheet
132Kb / 3P
POWER TRANSISTORS(7A,40W)
2N6107 MOSPEC-2N6107 Datasheet
171Kb / 4P
POWER TRANSISTORS(7A,40W)
2SC2826 MOSPEC-2SC2826 Datasheet
121Kb / 3P
POWER TRANSISTORS(3.0A,400V,40W)
2SD633 MOSPEC-2SD633 Datasheet
127Kb / 3P
POWER TRANSISTORS(7A,40W)
MJE13002 MOSPEC-MJE13002 Datasheet
182Kb / 4P
POWER TRANSISTORS(1.5A,300-400V,40W)
TIP150 MOSPEC-TIP150 Datasheet
136Kb / 3P
POWER TRANSISTORS(7A,300-400V,80W)
TIP47 MOSPEC-TIP47 Datasheet
130Kb / 3P
POWER TRANSISTORS(1.0A,250-400V,40W)
logo
Sanyo Semicon Device
2SB776 SANYO-2SB776 Datasheet
116Kb / 4P
100V/7A, AF 40W Output Applications????
logo
Unisonic Technologies
7N40 UTC-7N40 Datasheet
175Kb / 4P
7A, 400V N-CHANNEL POWER MOSFET
logo
Sanyo Semicon Device
2SB776 SANYO-2SB776_V01 Datasheet
128Kb / 4P
100V/7A, AF 40W Output Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com