Electronic Components Datasheet Search
  English  ▼

X  

VN02NSP Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN02NSP
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN02NSP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN02NSP Datasheet HTML 2Page - STMicroelectronics VN02NSP Datasheet HTML 3Page - STMicroelectronics VN02NSP Datasheet HTML 4Page - STMicroelectronics VN02NSP Datasheet HTML 5Page - STMicroelectronics VN02NSP Datasheet HTML 6Page - STMicroelectronics VN02NSP Datasheet HTML 7Page - STMicroelectronics VN02NSP Datasheet HTML 8Page - STMicroelectronics VN02NSP Datasheet HTML 9Page - STMicroelectronics VN02NSP Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A2
0.03
0.23
0.001
0.009
B0.5
0.019
B2
5.2
5.4
0.204
0.212
C
0.45
0.53
0.017
0.021
C2
0.5
0.019
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G5.08
0.200
G1
2.54
0.100
H
9.35
10.1
0.368
0.397
L2
0.8
0.031
L4
0.6
1
0.023
0.039
H
DETAIL "A"
DETAIL "A"
D
L2
L4
PPAK MECHANICAL DATA
VN02NSP/VN02NPT
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10