Electronic Components Datasheet Search
  English  ▼

X  

AT697E Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT697E
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E Datasheet(HTML) 5 Page - ATMEL Corporation

  AT697E Datasheet HTML 1Page - ATMEL Corporation AT697E Datasheet HTML 2Page - ATMEL Corporation AT697E Datasheet HTML 3Page - ATMEL Corporation AT697E Datasheet HTML 4Page - ATMEL Corporation AT697E Datasheet HTML 5Page - ATMEL Corporation AT697E Datasheet HTML 6Page - ATMEL Corporation AT697E Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
4247DS–SCR–03/07
AT83C21GC
P1.3
CC4
CVCC
4 kV
I/O
Smart Card Interface Function
Card contact 4 – Pull-up medium must be less than 20KΩ
P1.4
CCLK
CVCC
4 kV
O
Smart Card Interface Function
Card clock
P1.5
CRST
CVCC
4 kV
O
Smart Card Interface Function
Card reset – Pull-up medium must be less than 20KΩ
P3.0
RxD
EVCC
I
UART Function
Receive data input
P3.1
TxD
EVCC
O
UART Function
Transmit data output.
P3.2
INT0
DVCC
I/O
Input/Output Function
P3.2 is a bi-directional I/O port with internal pull-ups.
P3.3
INT1
EVCC
I/O
Input/Output Function
P3.3 is a bi-directional I/O port with internal pull-ups.
P3.4
EVCC
I/O
Input/Output Function
P3.4 is a bi-directional I/O port with internal pull-ups.
P3.5
CIO1
DVCC
I/O
Alternate Card Function
Card I/O: Pull-up medium must be less than 20K
P3.6
CCLK1
DV
CC
O
LED function
These pins can be directly connected to the cathode of the standard LED without
external current limiting resistors. The typical current of each output can be
programmed by software to 2, 4 or 10 mA (LEDCON register).
P3.7
CRST1
DV
CC
I/O
Input/Output Function
P3.7 is a bi-directional I/O port with internal pull-ups.
RST
V
CC
I/O
Reset Input
Holding this pin low for 64 oscillator periods while the oscillatoris running resets the
device. The Port pins are driven to their reset conditions when a voltage lower than VIL
is applied, whether or not the oscillator is running. This pin has an internal pull-up
resistor which allows the device to be reset by connecting a capacitor between this pin
and VSS. Asserting RST when the chip is in Idle mode or Power-down mode returns
the chip to normal operation. The output is active for at least 12 oscillator periods when
an internal reset occurs.
XTAL1
V
CC
I
Input to the on-chip Inverting Oscillator Amplifier
To use the internal oscillator, a crystal/resonator circuit is connected
to this pin. If an external oscillator is used, its output is connected to this pin.
XTAL2
VCC
O
Output of the on-chip Inverting Oscillator Amplifier
To use the internal oscillator, a crystal/resonator circuit is connected
to this pin. If an external oscillator is used, XTAL2 may be left unconnected.
VCC
PWR
Supply Voltage
VCC is used to power the internal voltage regulators and internal I/O’s.
LI
PWR
DC/DC Input
LI must be tied to VCC through an external coil (typically 4, 7 µH) and provide the
current for the pump charge of the DC/DC converter.
Table 1. Port Signal Description (Continued)
Port
Signal
Name
Internal
Power
Supply
ESD
Type
Description



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com