Electronic Components Datasheet Search
  English  ▼

X  

CC2590 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC2590
Description  2.4-GHz RF Front End, 14-dBm output power
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2590 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2590 Datasheet HTML 7Page - Texas Instruments CC2590 Datasheet HTML 8Page - Texas Instruments CC2590 Datasheet HTML 9Page - Texas Instruments CC2590 Datasheet HTML 10Page - Texas Instruments CC2590 Datasheet HTML 11Page - Texas Instruments CC2590 Datasheet HTML 12Page - Texas Instruments CC2590 Datasheet HTML 13Page - Texas Instruments CC2590 Datasheet HTML 14Page - Texas Instruments CC2590 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Connecting CC2590 to a CC2520 Device
RF_P
RXTX
RF_N
RF_P
RF_N
CC2520
Alternativelyto
VDD/GND/MCU
Alternatively
fromMCU
RF_P
RXTX
RF_N
= PCBtraceinductor
CC2590
ANT
PAEN
EN
HGM
VDD
VDD
VDD
RF_P
RXTX
RF_N
R151
NC
GPIO5
GPIO4
C1
L112
C113
C111
L111
C112
C161
C101/C102
C131/C132
GPIO3
PCB Layout Guidelines
CC2590
www.ti.com ........................................................................................................................................................................................ SWRS080 – SEPTEMBER 2008
Table 5. Control Logic for Connecting CC2590 to a CC2520 Device
PAEN
EN
RXTX
HGM
MODE OF OPERATION
0
0
NC
X
Power Down
0
1
NC
0
RX Low Gain Mode
0
1
NC
1
RX High Gain Mode
1
0
NC
X
TX
1
1
NC
X
Not allowed
Figure 13. CC2590 + CC2520 Application Circuit
The exposed die attach pad must be connected to a solid ground plane as this is the primary ground connection
for the chip. Inductance in vias to the pad should be minimized. It is highly recommended to follow the reference
layout. Changes will alter the performance. Also see the PCB landpattern information in this data sheet. For best
performance, minimize the length of the ground vias, by using a 4-layer PCB with ground plane as layer 2 when
CC2590 is mounted onto layer 1.
PCB trace inductors are used to be able to optimize the inductance value, and they are too small to be replaced
by discrete inductors. The placement of the power supply decoupling capacitors C101/C102 and C131/C132 are
important to set the PCB trace inductance values accurately.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CC2590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com