Electronic Components Datasheet Search
  English  ▼

X  

EP1810 Datasheet(PDF) 13 Page - Altera Corporation

Part # EP1810
Description  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1810 Datasheet(HTML) 13 Page - Altera Corporation

Back Button EP1810 Datasheet HTML 9Page - Altera Corporation EP1810 Datasheet HTML 10Page - Altera Corporation EP1810 Datasheet HTML 11Page - Altera Corporation EP1810 Datasheet HTML 12Page - Altera Corporation EP1810 Datasheet HTML 13Page - Altera Corporation EP1810 Datasheet HTML 14Page - Altera Corporation EP1810 Datasheet HTML 15Page - Altera Corporation EP1810 Datasheet HTML 16Page - Altera Corporation EP1810 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Altera Corporation
757
Classic EPLD Family Data Sheet
Figure 10 shows the typical output drive characteristics of EP610 devices.
Figure 10. Output Drive Characteristics of EP610 Devices
EP610-15 & EP610-20 EPLDs
EP610-25, EP610-30 & EP610-35 EPLDs
VO Output Voltage (V)
1
2
3
4
5
IOL
IOH
80
60
40
20
0.45
VCC = 5.0 V
TA = 25° C
VO Output Voltage (V)
1
2
3
4
5
IOL
IOH
200
150
100
50
0.45
VCC = 5.0 V
TA = 25° C
EP610I EPLDs
VO Output Voltage (V)
1
2
3
4
5
100
80
60
40
20
IOL
IOH
VCC = 5.0 V
TA = 25° C
Typical I
Output
Current (mA)
CC
Typical I
Output
Current (mA)
CC
Typical I
Output
Current (mA)
CC
Drive characteristics may exceed shown curves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com