Electronic Components Datasheet Search
  English  ▼

X  

CDCLVP215 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP215
Description  LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP215 Datasheet(HTML) 3 Page - Texas Instruments

  CDCLVP215 Datasheet HTML 1Page - Texas Instruments CDCLVP215 Datasheet HTML 2Page - Texas Instruments CDCLVP215 Datasheet HTML 3Page - Texas Instruments CDCLVP215 Datasheet HTML 4Page - Texas Instruments CDCLVP215 Datasheet HTML 5Page - Texas Instruments CDCLVP215 Datasheet HTML 6Page - Texas Instruments CDCLVP215 Datasheet HTML 7Page - Texas Instruments CDCLVP215 Datasheet HTML 8Page - Texas Instruments CDCLVP215 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PACKAGE THERMAL IMPEDANCE
LVECL DC ELECTRICAL CHARACTERISTICS
CDCLVP215
www.ti.com.................................................................................................................................................... SCAS853A – APRIL 2008 – REVISED OCTOBER 2008
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
Supply voltage (relative to VEE)
–0.3 to 4.6
V
VI
Input voltage
–0.3 to VCC + 0.5
V
VO
Output voltage
–0.3 to VCC + 0.5
V
IIN
Input current
±20
mA
VEE
Negative supply voltage (relative to VCC)
-4.6 to 0.3
V
IBB
Sink/source current
–1 to 1
mA
IO
DC output current
–50
mA
Tstg
Storage temperature range
–65 to 150
°C
MIN
NOM
MAX
UNIT
VCC
Supply voltage (relative to VEE)
2.375
2.5/3.3
3.8
V
TA
Operating free-air temperature
–40
85
°C
TEST CONDITION
MIN
MAX
UNIT
0 LFM
49
°C/W
150 LFM
37
°C/W
θ
JA
Thermal resistance junction to ambient(1)
250 LFM
36
°C/W
500 LFM
32
°C/W
θ
JC
Thermal resistance junction to case
19
°C/W
(1)
According to JESD 51-7 standard.
Vsupply: VCC = 0 V, VEE = –2.375 V to –3.8 V
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
–40°C,
IEE
Supply internal current
Absolute value of current
25°C,
40
90
mA
85°C
–40°C
354
Output and internal supply
ICC
All outputs terminated 50
Ω to VCC – 2 V
25°C
380
mA
current
85°C
405
–40°C,
Includes pullup/pulldown resistors
IIN
Input current
25°C,
–150
150
µA
VIH = VCC, VIL = VCC - 2 V
85°C
–40°C,
For VEE = –3 to –3.8 V, IBB = –0.2 mA
25°C,
–1.45
–1.3
–1.15
85°C
Internally generated bias
VBB
V
voltage
–40°C,
VEE = –2.375 to –2.75 V, IBB = –0.2 mA
25°C,
–1.4
–1.25
–1.1
85°C
-40°C,
VID
Input amplitude (CLKn, CLKn)
Difference of input | VIH – VIL | , See
(1)
25°C,
0.5
1.3
V
85°C
-40°C,
Common-mode voltage
VCM
DC offset relative to VEE
25°C,
VEE + 1
–0.3
V
(CLKn, CLKn)
85°C
(1)
VID minimum and maximum is required to maintain ac specifications, actual device function tolerates a minimum VID of 100 mV.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCLVP215



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com