Electronic Components Datasheet Search
  English  ▼

X  

SN65LVEL11 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVEL11
Description  3.3 V ECL 1:2 Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVEL11 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVEL11 Datasheet HTML 1Page - Texas Instruments SN65LVEL11 Datasheet HTML 2Page - Texas Instruments SN65LVEL11 Datasheet HTML 3Page - Texas Instruments SN65LVEL11 Datasheet HTML 4Page - Texas Instruments SN65LVEL11 Datasheet HTML 5Page - Texas Instruments SN65LVEL11 Datasheet HTML 6Page - Texas Instruments SN65LVEL11 Datasheet HTML 7Page - Texas Instruments SN65LVEL11 Datasheet HTML 8Page - Texas Instruments SN65LVEL11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LVPECL DC CHARACTERISTICS
(1) (V
CC = 3.3 V, VEE = 0.0 V
(2)
LVPNECL DC CHARACTERISTICS
(1) (V
EE = –3.3 V; VCC = 0.0 V;)
(2)
SN65LVEL11
www.ti.com............................................................................................................................................................................................ SLLS927 – DECEMBER 2008
–40°C
25°C
85°C
CHARACTERISTICS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP MAX
ICC
Power Supply Current
20
25
20
25
21
25
mA
VOH
Output HIGH Voltage (3)
2215
2420
2215 2286
2420
2215
2420
mV
VOL
Output LOW Voltage(3)
1470
1680
1470 1584
1680
1470
1680
mV
VIH
Input High Voltage (Single-Ended)
2135
2420
2135
2420
2135
2420
mV
VIL
Input LOW Voltage (Single-Ended)
1490
1825
1490
1825
1490
1825
mV
VIHCMR
Input HIGH voltage common mode range
V
(Differential) (4)
Vpp < 500 mV
1.2
3.1
1.1
3.1
1.1
3.1
Vpp > 500 mV
1.4
3.1
1.3
3.1
1.3
3.1
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW current
D
0.5
0.5
0.5
µA
D
–600
–600
–600
(1)
Device will meet the specifications after thermal balance has been established when mounted in a socket or printed circuit board with
maintained transverse airflow greater than 500 lfpm. Electrical parameters are assured only over the declared operating temperature
range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied
individually under normal operating conditions and not valid simultaneously.
(2)
Input and output parameters vary 1:1 with VCC. VEE can vary ±0.3 V
(3)
Outputs are terminated through a 50
Ω resistor to VCC – 2.0 V.
(4)
VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the
differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies
between VPP min and 1 V.
–40°C
25°C
85°C
CHARACTERISTICS
UNIT
MIN TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
IEE
Power supply current
20
25
20
25
21
25
mA
VOH
Output HIGH voltage (3)
–1085
–880
–1085
–1013
–880
–1085
–880
mV
VOL
Output LOW voltage(3)
–1830
–1620
–1830
–1722
–1620
–1830
–1620
mV
VIH
Input high voltage (Single-Ended)
–1165
–880
–1165
–880
–1165
–880
mV
VIL
Input LOW voltage (Single-Ended)
–1810
–1475
–1810
–1475
–1810
–1475
mV
VIHCMR
Input HIGH voltage common mode range
V
(Differential) (4)
Vpp < 500 mV
–2.1
–0.2
–2.2
–0.2
–2.2
–0.2
Vpp > 500 mV
–1.9
–0.2
–2.0
–0.2
–2.0
–0.2
IIH
Input HIGH current
150
150
150
µA
IIL
Input LOW current
D
0.5
0.5
0.5
µA
D
–600
–600
–600
(1)
Device will meet the specifications after thermal balance has been established when mounted in a socket or printed circuit board with
maintained transverse airflow greater than 500 lfpm. Electrical parameters are assured only over the declared operating temperature
range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied
individually under normal operating conditions and not valid simultaneously.
(2)
Input and output parameters vary 1:1 with VCC. VEE can vary ±0.3 V.
(3)
Outputs are terminated through a 50
Ω resistor to VCC – 2.0 V.
(4)
VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the
differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies
between VPP min and 1 V.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65LVEL11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com