Electronic Components Datasheet Search
  English  ▼

X  

SN65LVELT22 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVELT22
Description  3.3 V Dual LVTTL to DIfferential LVPECL Translator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVELT22 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVELT22 Datasheet HTML 1Page - Texas Instruments SN65LVELT22 Datasheet HTML 2Page - Texas Instruments SN65LVELT22 Datasheet HTML 3Page - Texas Instruments SN65LVELT22 Datasheet HTML 4Page - Texas Instruments SN65LVELT22 Datasheet HTML 5Page - Texas Instruments SN65LVELT22 Datasheet HTML 6Page - Texas Instruments SN65LVELT22 Datasheet HTML 7Page - Texas Instruments SN65LVELT22 Datasheet HTML 8Page - Texas Instruments SN65LVELT22 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
PINOUT ASSIGNMENT
1
8
2
7
6
4
5
V
CC
GND
Q
0
Q
0
Q
1
Q
1
D
0
D
1
SN65LVELT22
www.ti.com............................................................................................................................................................................................ SLLS928 – DECEMBER 2008
3.3 V Dual LVTTL to DIfferential LVPECL Translator
• Data and Clock Transmission Over Backplane
• 450 ps (typ) Propagation Delay
• Signaling Level Conversion for Clock or Data
• Operating Range: V
CC 3.0 V to 3.8 with
GND = 0 V
• <50 ps (max) Output to Output Skew
• Built-in Temperature Compensation
• Drop in Compatible to MC100LVELT22
The SN65ELT22 is a dual LVTTL to differential LVPECL translator buffer. It operates on +3V supply and ground
only. The output is driven default high when the inputs are left floating or unused. The low output skew makes
the device the ideal solution for clock or data signal translation.
The SN65LVELT22 is housed in an industry standard SOIC-8 package and is also available in TSSOP-8
package option.
Table 1. Pin Description
PIN
FUNCTION
D0, D1
TTL inputs
Q0, Q0, Q1, Q1
PECL/ECL outputs
VCC
Positive supply
GND
Ground
ORDERING INFORMATION(1)
PART NUMBER
PART MARKING
PACKAGE
LEAD FINISH
SN65LVELT22D
SN65LVELT22
SOIC
NiPdAu
SN65LVELT22DGK
SN65LVELT22
SOIC-TSSOP
NiPdAu
(1)
Leaded device options not initially available. Contact TI sales representative for further details.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVELT22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVELT22 TI-SN65LVELT22 Datasheet
432Kb / 11P
3.3 V Dual LVTTL to DIfferential LVPECL Translator
SN65LVELT22 TI2-SN65LVELT22 Datasheet
535Kb / 15P
3.3 V Dual LVTTL to DIfferential LVPECL Translator
DECEMBER 2008
SN65LVELT22D TI-SN65LVELT22D Datasheet
432Kb / 11P
3.3 V Dual LVTTL to DIfferential LVPECL Translator
SN65LVELT22D TI2-SN65LVELT22D Datasheet
535Kb / 15P
3.3 V Dual LVTTL to DIfferential LVPECL Translator
DECEMBER 2008
SN65LVELT22D.B TI2-SN65LVELT22D.B Datasheet
535Kb / 15P
3.3 V Dual LVTTL to DIfferential LVPECL Translator
DECEMBER 2008
More results

Similar Description - SN65LVELT22

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23 Datasheet
65Kb / 8P
Dual Differential LVPECL to LVTTL Translator
February, 2005 ??Rev. 11
MC100LVELT23 ONSEMI-MC100LVELT23 Datasheet
66Kb / 8P
3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 12
logo
Freescale Semiconductor...
MC100ES60T22 FREESCALE-MC100ES60T22 Datasheet
97Kb / 8P
3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT23 ONSEMI-MC100LVELT23_06 Datasheet
137Kb / 8P
3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
logo
Texas Instruments
SN65LVELT23 TI-SN65LVELT23 Datasheet
271Kb / 10P
3.3-V Dual Differential LVPECL/LVDS Buffer to LVTTL Translator
SN65LVELT22 TI-SN65LVELT22_10 Datasheet
432Kb / 11P
3.3 V Dual LVTTL to DIfferential LVPECL Translator
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_16 Datasheet
362Kb / 8P
3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 14
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
MC100LVELT23 ONSEMI-MC100LVELT23_16 Datasheet
162Kb / 8P
3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
July, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com