Electronic Components Datasheet Search
  English  ▼

X  

S8M Datasheet(PDF) 1 Page - Semtech Corporation

Part # S8M
Description  RECTIFIER, up to 1kV, 2A, 2關s
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

S8M Datasheet(HTML) 1 Page - Semtech Corporation

  S8M Datasheet HTML 1Page - Semtech Corporation S8M Datasheet HTML 2Page - Semtech Corporation S8M Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, up to 1kV, 2A, 2µs
1N5614
S2M
1N5616
S4M
1N5618
S6M
1N5620
S8M
1N5622
S0M
January 7, 1998
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com


Similar Part No. - S8M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S8M MCC-S8M Datasheet
78Kb / 2P
8 Amp Silicon Rectifier 50 to 1000 Volts
S8M MCC-S8M Datasheet
180Kb / 4P
8 Amp Silicon Rectifier 50 to 1000 Volts
logo
Formosa MS
S8M FORMOSA-S8M Datasheet
119Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
New Jersey Semi-Conduct...
S8M NJSEMI-S8M Datasheet
103Kb / 2P
QUICK REFERENCE AXIALiEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
logo
DONGGUAN YOU FENG WEI E...
S8M YFWDIODE-S8M Datasheet
468Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - S8M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N3645 SEMTECH-1N3645 Datasheet
118Kb / 3P
RECTIFIER, up to 3kV, 600mA, 2.5關s
1N5615 SEMTECH-1N5615 Datasheet
190Kb / 4P
RECTIFIER, up to 1kV, 2A, 150-500ns
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
RECTIFIER, up to 1kV, 3.25A, 300ns
3PFR0 SEMTECH-3PFR0 Datasheet
149Kb / 4P
RECTIFIER, 1kV, 2.7A, 150ns
3SFR0 SEMTECH-3SFR0 Datasheet
178Kb / 4P
RECTIFIER, 1kV, 3.25A, 150ns
M20 SEMTECH-M20 Datasheet
108Kb / 3P
RECTIFIER, up to 3kV, 330mA, 2關s
M50A SEMTECH-M50A Datasheet
111Kb / 3P
RECTIFIER, up to 6kV, 260mA, 5關s
logo
Diodes Incorporated
DMP26M7UFG DIODES-DMP26M7UFG Datasheet
431Kb / 6P
ESD HBM Protected up to 1KV
Rev 1
logo
Recom International Pow...
R-REF01-HB RECOM-R-REF01-HB Datasheet
1Mb / 12P
Half-bridge voltage up to 1kV
logo
TRINAMIC Motion Control...
TMC7300-EVAL TRINAMIC-TMC7300-EVAL Datasheet
1Mb / 10P
2 DC motors with up to 2A current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com