Electronic Components Datasheet Search
  English  ▼

X  

3FF10 Datasheet(PDF) 1 Page - Semtech Corporation

Part # 3FF10
Description  RECTIFIER, up to 150V, 3.1A, 30ns
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

3FF10 Datasheet(HTML) 1 Page - Semtech Corporation

  3FF10 Datasheet HTML 1Page - Semtech Corporation 3FF10 Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, up to 150V, 3.1A, 30ns
1N6076
3FF05
1N6077
3FF10
1N6078
3FF15
January 7, 1998
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com


Similar Part No. - 3FF10

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3FF30 SEMTECH-3FF30 Datasheet
125Kb / 4P
RECTIFIER, up to 600V, 3.4A, 50ns
3FF40 SEMTECH-3FF40 Datasheet
125Kb / 4P
RECTIFIER, up to 600V, 3.4A, 50ns
3FF50 SEMTECH-3FF50 Datasheet
125Kb / 4P
RECTIFIER, up to 600V, 3.4A, 50ns
3FF60 SEMTECH-3FF60 Datasheet
125Kb / 4P
RECTIFIER, up to 600V, 3.4A, 50ns
More results

Similar Description - 3FF10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB002-15CP SANYO-SB002-15CP Datasheet
55Kb / 2P
150V, 20mA Rectifier
SB002-15SPA SANYO-SB002-15SPA Datasheet
55Kb / 2P
150V, 20mA Rectifier
SB01-15CP SANYO-SB01-15CP Datasheet
27Kb / 3P
150V, 100mA Rectifier
SB01-15NP SANYO-SB01-15NP Datasheet
56Kb / 2P
150V, 100mA Rectifier
logo
Semtech Corporation
1N5802 SEMTECH-1N5802 Datasheet
204Kb / 3P
RECTIFIER, up to 150V, 2.5A, 25ns
1N5807 SEMTECH-1N5807 Datasheet
200Kb / 3P
RECTIFIER, up to 150V, 6A, 30ns
1N6073 SEMTECH-1N6073 Datasheet
175Kb / 4P
RECTIFIER, up to 150V, 1.8A, 30ns
1N6079 SEMTECH-1N6079 Datasheet
150Kb / 4P
RECTIFIER, up to 150V, 5A, 30ns
3PFT1 SEMTECH-3PFT1 Datasheet
125Kb / 4P
RECTIFIER, up to 200V, 4A, 30ns
logo
Sanyo Semicon Device
SB01-15C SANYO-SB01-15C Datasheet
48Kb / 3P
150V, 100mA Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com