Electronic Components Datasheet Search
  English  ▼

X  

ATA5756 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATA5756
Description  UHF ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5756 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA5756 Datasheet HTML 1Page - ATMEL Corporation ATA5756 Datasheet HTML 2Page - ATMEL Corporation ATA5756 Datasheet HTML 3Page - ATMEL Corporation ATA5756 Datasheet HTML 4Page - ATMEL Corporation ATA5756 Datasheet HTML 5Page - ATMEL Corporation ATA5756 Datasheet HTML 6Page - ATMEL Corporation ATA5756 Datasheet HTML 7Page - ATMEL Corporation ATA5756 Datasheet HTML 8Page - ATMEL Corporation ATA5756 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
4702J–RKE–09/08
ATA5756/ATA5757
2.
Pin Configuration
Figure 2-1.
Pinning TSSOP10
1
2
3
4
10
9
8
7
CLK
ASK
FSK
ANT2
ENABLE
GND
VS
XTO1
ATA5756
ATA5757
5
ANT1
6
XTO2
Table 2-1.
Pin Description
Pin
Symbol
Function
Configuration
1CLK
Clock output signal for the
microcontroller.
The clock output frequency is set by the
crystal to fXTAL/8.
The CLK output stays Low in
power-down mode and after enabling of
the PLL.
The CLK output switches on if the
oscillation amplitude of the crystal has
reached a certain level.
2
ASK
Switches on the power amplifier for
ASK modulation and enables the PLL
and XTO if the ENABLE pin is open
3FSK
Switches off the FSK switch (switch has
high Z if signal at pin FSK is High) and
enables the PLL and the XTO if the
ENABLE pin is open
CLK
VS
100
100
200k
ASK
50k
V
Ref = 1.1V
20 µA
200k
FSK
200k
V
Ref = 1.1V
5 µA
200k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com