Electronic Components Datasheet Search
  English  ▼

X  

ATAM862-3 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATAM862-3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862-3 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATAM862-3 Datasheet HTML 45Page - ATMEL Corporation ATAM862-3 Datasheet HTML 46Page - ATMEL Corporation ATAM862-3 Datasheet HTML 47Page - ATMEL Corporation ATAM862-3 Datasheet HTML 48Page - ATMEL Corporation ATAM862-3 Datasheet HTML 49Page - ATMEL Corporation ATAM862-3 Datasheet HTML 50Page - ATMEL Corporation ATAM862-3 Datasheet HTML 51Page - ATMEL Corporation ATAM862-3 Datasheet HTML 52Page - ATMEL Corporation ATAM862-3 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 110 page
background image
49
4554F–4BMCU–07/07
ATAM862-3
22.9.2
Mode 2: 8-bit Compare Counter with 4-bit Programmable Prescaler
Figure 22-12. 8-bit Compare Counter
The 4-bit stage is used as programmable prescaler for the 8-bit counter stage. In this mode, a
duty cycle stage is also available. This stage can be used as an additional 2-bit prescaler or for
generating duty cycles of 25%, 33% and 50%. The 4-bit compare output (CM1) supplies the
clock output (POUT) with clocks.
22.9.3
Mode 3/4: 8-bit Compare Counter and 4-bit Programmable Prescaler
Figure 22-13. 4-/8-bit Compare Counter
In these modes the 4-bit and the 8-bit counter stages work independently as a 4-bit prescaler
and an 8-bit timer with an 2-bit prescaler or as a duty cycle generator. Only in the mode 3 and
mode 4, can the 8-bit counter be supplied via the external clock input (T2I) which is selected via
the P4CR register. The 4-bit prescaler is started via activating of mode 3 and stopped and reset
in mode 4. Changing mode 3 and 4 has no effect for the 8-bit timer stage. The 4-bit stage can be
used as prescaler for Timer 3, the SSI or to generate the stop signal for modulator 2 and
modulator 3.
4-bit counter
4-bit compare
RES
4-bit register
CM1
POUT
8-bit counter
8-bit compare
8-bit register
OVF2
CM2
RES
T2RM
T2OTM
Timer 2
output mode
and T2OTM-bit
T2IM
T2CTM
TOG2
INT4
CL2/1
DCG
T2D1, 0
DCGO
4-bit counter
4-bit compare
RES
4-bit register
8-bit counter
8-bit compare
8-bit register
OVF2
CM2
RES
T2RM
T2OTM
Timer 2
output mode
and T2OTM-bit
T2IM
T2CTM
TOG2
INT4
CL2/2
DCG
T2D1, 0
DCGO
P41M2, 1
P4CR
CM1
POUT
CL2/1
MUX
TOG3
T1OUT
SYSCL
SCL
T2CS1, 0
SYSCL
T2I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com