Electronic Components Datasheet Search
  English  ▼

X  

ATAR090-C Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATAR090-C
Description  Low-current Microcontroller for Wireless Communication
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR090-C Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATAR090-C Datasheet HTML 17Page - ATMEL Corporation ATAR090-C Datasheet HTML 18Page - ATMEL Corporation ATAR090-C Datasheet HTML 19Page - ATMEL Corporation ATAR090-C Datasheet HTML 20Page - ATMEL Corporation ATAR090-C Datasheet HTML 21Page - ATMEL Corporation ATAR090-C Datasheet HTML 22Page - ATMEL Corporation ATAR090-C Datasheet HTML 23Page - ATMEL Corporation ATAR090-C Datasheet HTML 24Page - ATMEL Corporation ATAR090-C Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
21
4700C–4BMCU–02/05
ATAR090-C/ATAR890-C
4.
Peripheral Modules
4.1
Addressing Peripherals
Accessing the peripheral modules takes place via the I/O bus (see Figure 4-1). The IN or OUT
instructions allow direct addressing of up to 16 I/O modules. A dual register addressing scheme
has been adopted to enable direct addressing of the primary register. To address the auxiliary
register, the access must be switched with an auxiliary switching module. Thus a single IN (or
OUT) to the module address will read (or write into) the module’s primary register. Accessing the
auxiliary register is performed with the same instruction preceded by writing the module address
into the auxiliary switching module. Byte wide registers are accessed by multiple IN (or OUT)
instructions. For more complex peripheral modules, with a larger number of registers, extended
addressing is used. In this case a bank of up to 16 subport registers are indirectly addressed
with the subport address. The first OUT instruction writes the subport address to the subaddress
register, the second IN or OUT instruction reads data from or writes data to the addressed
subport.
Figure 4-1.
Example of I/O Addressing
Subaddress Reg.
Subport FH
I/O bus
Aux. Reg.
Bank of
Primary Regs.
Primary Reg.
(Address Pointer)
Auxiliary Switch
Module
Indirect Subport Access
to other modules
1
2
(Subport Register Write)
3
4
5
1
2
3
6
6
4
5
Example of
qFORTH
Program
Code
1
2
4
5
3
6
Addr. (ASW) = Auxililiary Switch Module Address
1
2
2
1
2
2
4
5
5
(Auxiliary Register Write)
Module ASW
Module M1
Module M2
Module M3
Subport EH
Primary Reg.
Primary Reg.
Subport 1
Subport 0
Dual Register Access
Single Register Access
Addr. (SPort) Addr. (M1) OUT
SPort_Data
Addr. (M1)
OUT
(Subport Register Read)
Addr. (SPort) Addr. (M1) OUT
Addr. (M1) IN
(Subport Register Write Byte)
Addr. (SPort) Addr. (M1) OUT
SPort_Data (lo) Addr. (M1)
OUT
SPort_Data (hi) Addr. (M1)
OUT
(Subport Register Read Byte)
Addr. (SPort) Addr. (M1) OUT
Addr. (M1) IN (hi)
Addr. (M1) IN (lo)
(Primary Register Write)
Prim._Data Addr. (M2) OUT
Addr. (M2) Addr. (ASW) OUT
Aux._Data Addr. (M2) OUT
(Primary Register Read)
Addr. (M2) IN
(Auxiliary Register Read )
Addr. (M2) Addr. (ASW) OUT
Addr. (M2) IN
(Auxiliary Register Write Byte)
Addr. (M2) Addr. (ASW) OUT
Aux._Data (lo) Addr. (M2)
OUT
Aux._Data (hi) Addr. (M2)
OUT
(Primary Register Write)
Prim._Data Addr. (M3) OUT
(Primary Register Read)
Addr. (M3) IN
Addr. (Mx) = Module Mx Address
Addr. (SPort) = Subport Address
Prim._Data = Data to be written into Primary Register
Aux._Data = Data to be written into Auxiliary Register
Aux._Data (lo) = Data to be written into Auxiliary Register (low nibble)
Aux._Data (hi) = Data to be written into Auxiliary Register (high nibble)
SPort_Data (lo) = Data to be written into Subport (low nibble)
SPort_Data (hi) = Data to be written into Subport (high nibble)
(lo) = SPort_Data (low nibble)
(hi) = SPort_Data (high nibble)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com