Electronic Components Datasheet Search
  English  ▼

X  

3FF40 Datasheet(PDF) 1 Page - Semtech Corporation

Part # 3FF40
Description  RECTIFIER, up to 600V, 3.4A, 50ns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

3FF40 Datasheet(HTML) 1 Page - Semtech Corporation

  3FF40 Datasheet HTML 1Page - Semtech Corporation 3FF40 Datasheet HTML 2Page - Semtech Corporation 3FF40 Datasheet HTML 3Page - Semtech Corporation 3FF40 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, up to 600V, 3.4A, 50ns
3FF30
3FF40
3FF50
3FF60
January 7, 1998
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com


Similar Part No. - 3FF40

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3FF05 SEMTECH-3FF05 Datasheet
81Kb / 2P
RECTIFIER, up to 150V, 3.1A, 30ns
3FF10 SEMTECH-3FF10 Datasheet
81Kb / 2P
RECTIFIER, up to 150V, 3.1A, 30ns
3FF15 SEMTECH-3FF15 Datasheet
81Kb / 2P
RECTIFIER, up to 150V, 3.1A, 30ns
More results

Similar Description - 3FF40

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RUSH EDI-RUSH Datasheet
42Kb / 2P
50ns ULTRA-FAST RECOVERY HIGH -VOLTAGE RECTIFIER DIODES
RUST EDI-RUST Datasheet
41Kb / 2P
50ns ULTRA-FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODES
logo
Semtech Corporation
SFF30 SEMTECH-SFF30 Datasheet
103Kb / 3P
RECTIFIER, 3kV, 360mA, 50ns
USC1104 SEMTECH-USC1104 Datasheet
59Kb / 2P
RECTIFIER, up to 400V, 2.1A, 50ns
USC1304 SEMTECH-USC1304 Datasheet
58Kb / 2P
RECTIFIER, up to 400V, 5A, 50ns
logo
Fairchild Semiconductor
FDD4N60NZ FAIRCHILD-FDD4N60NZ_12 Datasheet
585Kb / 8P
N-Channel MOSFET 600V, 3.4A, 2.5
logo
ON Semiconductor
RD0306T-H ONSEMI-RD0306T-H Datasheet
371Kb / 7P
Planar Ultrafast Rectifier Fast trr type, 3A, 600V, 50ns, TP/TP-FA
September, 2013
logo
Solid State Optronic
SMB4115 SSOUSA-SMB4115 Datasheet
215Kb / 6P
High Continuous Load Current (3.4A)
logo
Silicon Supplies
MURC1560 SS-MURC1560 Datasheet
1Mb / 4P
600V 15A 50ns Rectifier
Rev 1.0 27/12/22
MURC860 SS-MURC860 Datasheet
1Mb / 4P
600V 8A 50ns Rectifier
Rev 1.0 27/12/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com