Electronic Components Datasheet Search
  English  ▼

X  

ACS8522 Datasheet(PDF) 29 Page - Semtech Corporation

Part # ACS8522
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8522 Datasheet(HTML) 29 Page - Semtech Corporation

Back Button ACS8522 Datasheet HTML 25Page - Semtech Corporation ACS8522 Datasheet HTML 26Page - Semtech Corporation ACS8522 Datasheet HTML 27Page - Semtech Corporation ACS8522 Datasheet HTML 28Page - Semtech Corporation ACS8522 Datasheet HTML 29Page - Semtech Corporation ACS8522 Datasheet HTML 30Page - Semtech Corporation ACS8522 Datasheet HTML 31Page - Semtech Corporation ACS8522 Datasheet HTML 32Page - Semtech Corporation ACS8522 Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 118 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 5/November 2006 © Semtech Corp.
Page 29
www.semtech.com
ACS8522 SETS LITE
Figure 10 PLL Block Diagram
The T4 output APLL block is also for multiplying and
filtering. The input to the T4 output APLL can come either
from the T4 forward DFS block or from the T0 path. The
input to the T4 output APLL can be programmed to be one
of the following:
(a) Output from the T4 forward DFS block (12E1, 24DS1,
16E1, 16DS1, E3, DS3, OC-N),
(b) 12E1 from T0,
(c) 16E1 from T0,
(d) 24DS1 from T0,
(e) 16DS1 from T0.
The frequency generated from the T4 output APLL block is
four times its input frequency i.e. 311.04 MHz when used
with a 77.76 MHz input. The T4 output APLL is
subsequently divided by 2, 4, 8, 12, 16, 48 and 64 and
these are available at the O1 to O4 outputs.
The outputs O1 to O4 are driven from either the T4 or the
T0 path. The FrSync and MFrSync outputs are always
generated from the T0 path. Reg.7A bit 7 selects whether
the source of the 2 kHz and 8 kHz outputs available from
O1 to O4 is derived from either the T0 or the T4 paths.
Output Frequency Configuration Steps
The output frequency selection is performed in the
following steps:
1. Does the application require the use of the T4 path as
an independent PLL path or not. If not, then the T4
path can be utilized to produce extra frequencies
locked to the T0 path.
2. Refer to Table 13, Frequency Divider Look-up, to
choose a set of output frequencies- one for each path,
T4 and T0. Only one set of frequencies can be
generated simultaneously from each path.
3. Refer to the Table 13 to determine the required APLL
frequency to support the frequency set.
4. Refer to Table 14, T0 APLL Frequencies, and
Table 15, T4 APLL Frequencies, to determine what
mode the T0 and T4 paths need to be configured in,
considering the output jitter level.
5. Refer to Table 16, O1 to O4 Output Frequency
Selection, and the column headings in Table 13,
Frequency Divider Look-up, to select the appropriate
frequency from either of the APLLs on each output as
required.
PFD and
Loop Filter
Forward
DFS
Feedback
DFS
F8522D_017BLOCKDIA_01
O1, O2
O3, O4
O1, O2
O3, O4
O1, O2
O3, O4
FrSync
MFrSync
PFD and
Loop Filter
Feedback
DFS
77M
Forward
DFS
77M
Output
DFS
LF
Output
DFS
T4
Output
APLL
T4
Output
Dividers
T0
Output
APLL
T0
Feedback
APLL
T0
Output
Dividers
1
0
0
1
0
1
1
1
0
0
T4 DPLL
T0 DPLL
Analog
Reference
Input
SEC1
SEC2
SEC3
SEC4
Reference
Input
SEC1
SEC2
SEC3
SEC4
T4_Dig_Feedback
T0_DPLL_Freq
T4_APLL_for_T0
Lock_T4_to_T0
Control
T4_DPLL_Frequency
Sts_Current_Phase
Sts_Current_Phase
8 kHz
T0_DPLL_Frequency
Control
T0_DPLL_Frequency
Control
PBO
Phase
Offset
Locking
Frequency
Locking
Frequency
T4
T0
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com