Electronic Components Datasheet Search
  English  ▼

X  

ACS8522AT Datasheet(PDF) 58 Page - Semtech Corporation

Part # ACS8522AT
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8522AT Datasheet(HTML) 58 Page - Semtech Corporation

Back Button ACS8522AT Datasheet HTML 54Page - Semtech Corporation ACS8522AT Datasheet HTML 55Page - Semtech Corporation ACS8522AT Datasheet HTML 56Page - Semtech Corporation ACS8522AT Datasheet HTML 57Page - Semtech Corporation ACS8522AT Datasheet HTML 58Page - Semtech Corporation ACS8522AT Datasheet HTML 59Page - Semtech Corporation ACS8522AT Datasheet HTML 60Page - Semtech Corporation ACS8522AT Datasheet HTML 61Page - Semtech Corporation ACS8522AT Datasheet HTML 62Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 118 page
background image
ACS8522A SETS LITE
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 58
www.semtech.com
Address (hex):
22
Use <n> = 1
Register Name cnfg_ref_source_frequency
SEC<n>, where for Reg 22, <n> =
1
Description
(R/W) Configuration of the
frequency and input monitoring
for input SEC<n>.
Default Value
0000 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
divn_SEC<n>
lock8k_SEC<n>
bucket_id_SEC<n>
reference_source_frequency_SEC<n>
Bit No.
Description
Bit Value
Value Description
7
divn_SEC<n>
This bit selects whether or not input SEC<n> is
divided in the programmable pre-divider prior to
being input to the DPLL and frequency monitor- see
Reg. 46 and Reg. 47 (cnfg_freq_divn).
0
1
Input SEC<n> fed directly to DPLL and monitor.
Input SEC<n> fed to DPLL and monitor via pre-
divider.
6
lock8k_SEC<n>
This bit selects whether or not input SEC<n> is
divided in the preset pre-divider prior to being input
to the DPLL. This results in the DPLL locking to the
reference after it has been divided to 8 kHz. This bit
is ignored when divn_SEC<n> is set (bit =1).
0
1
Input SEC<n> fed directly to DPLL.
Input SEC<n> fed to DPLL via preset pre-divider.
[5:4]
bucket_id_SEC<n>
Every input has its own Leaky Bucket used for
activity monitoring. There are four possible
configurations for each Leaky Bucket- see Reg. 50
to Reg. 5F. This 2-bit field selects the configuration
used for input SEC<n>.
00
01
10
11
Input SEC<n> activity monitor uses Leaky Bucket
Configuration 0.
Input SEC<n> activity monitor uses Leaky Bucket
Configuration 1.
Input SEC<n> activity monitor uses Leaky Bucket
Configuration 2.
Input SEC<n> activity monitor uses Leaky Bucket
Configuration 3.
[3:0]
reference_source_frequency_SEC<n>
Programs the frequency of the reference source
connected to input SEC<n>. If divn_SEC<n> is set,
then this value should be set to 0000 (8 kHz).
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011-1111
8 kHz.
1544/2048 kHz (dependant on Bit 2 (ip_sonsdhb)
in Reg. 34).
6.48 MHz.
19.44 MHz.
25.92 MHz.
38.88 MHz.
51.84 MHz.
77.76 MHz.
Not used.
2 kHz.
4 kHz.
Not used.
Address (hex):
23
Use description for Reg. 22, but use <n> = 2
Default Value: 0000 0000
Address (hex):
27
Use description for Reg. 22, but use <n> = 3
Default Value: 0000 0011
Address (hex):
28
Use description for Reg. 22, but use <n> = 4
Default Value: 0000 0011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com