Electronic Components Datasheet Search
  English  ▼

X  

ATR0610 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR0610
Description  2.7-V GPS Low-noise Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0610 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR0610 Datasheet HTML 1Page - ATMEL Corporation ATR0610 Datasheet HTML 2Page - ATMEL Corporation ATR0610 Datasheet HTML 3Page - ATMEL Corporation ATR0610 Datasheet HTML 4Page - ATMEL Corporation ATR0610 Datasheet HTML 5Page - ATMEL Corporation ATR0610 Datasheet HTML 6Page - ATMEL Corporation ATR0610 Datasheet HTML 7Page - ATMEL Corporation ATR0610 Datasheet HTML 8Page - ATMEL Corporation ATR0610 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
4573H–GPS–11/06
ATR0610
2.
Pin Configuration
Figure 2-1.
Pinning PLLP6 (Not Scaled)
Bottom View:
Top View:
1
2
3
6
4
VCC
RF_OUT
DC_GND
PU
RF_GND
RF_IN
5
1
2
3
6
4
DC_GND
RF_OUT
VCC
RF_IN
RF_GND
PU
5
Table 2-1.
Pin Description
Pin
Symbol
Type
Function
1
VCC
Supply
Supply voltage
2
RF_OUT
Output
Signal output
3
DC_GND
Supply
Ground
4
RF_IN
Input
Input for received signal
5
RF_GND
Supply
Ground for RF stage
6
PU
Input
Power up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com