Electronic Components Datasheet Search
  English  ▼

X  

T2525 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T2525
Description  IR Receiver ASSP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2525 Datasheet(HTML) 2 Page - ATMEL Corporation

  T2525 Datasheet HTML 1Page - ATMEL Corporation T2525 Datasheet HTML 2Page - ATMEL Corporation T2525 Datasheet HTML 3Page - ATMEL Corporation T2525 Datasheet HTML 4Page - ATMEL Corporation T2525 Datasheet HTML 5Page - ATMEL Corporation T2525 Datasheet HTML 6Page - ATMEL Corporation T2525 Datasheet HTML 7Page - ATMEL Corporation T2525 Datasheet HTML 8Page - ATMEL Corporation T2525 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
4657F–AUTO–10/06
T2525
Figure 1-1.
Block Diagram
2.
Pin Configuration
Figure 2-1.
Pinning SO8 and TSSOP8
Demodulator
Input
GND
T2525
Carrier frequency f0
Modulated IR signal
min 6 or 10 pulses
OUT
VS
Oscillator
AGC/ATC
and digital control
CGA and
filter
Micro-
controller
IN
NC
3
4
2
1
GND
NC
IN
VS
8
7
6
5
OUT
NC
NC
Table 2-1.
Pin Description
Pin
Symbol
Function
1
VS
Supply voltage
2
NC
Not connected
3
OUT
Data output
4
NC
Not connected
5
IN
Input PIN diode
6
GND
Ground
7
NC
Not connected
8
NC
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com