Electronic Components Datasheet Search
  English  ▼

X  

LCDA15 Datasheet(PDF) 8 Page - Semtech Corporation

Part # LCDA15
Description  Low Capacitance TVS Diode Array For High-Speed Data Interfaces
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LCDA15 Datasheet(HTML) 8 Page - Semtech Corporation

  LCDA15 Datasheet HTML 1Page - Semtech Corporation LCDA15 Datasheet HTML 2Page - Semtech Corporation LCDA15 Datasheet HTML 3Page - Semtech Corporation LCDA15 Datasheet HTML 4Page - Semtech Corporation LCDA15 Datasheet HTML 5Page - Semtech Corporation LCDA15 Datasheet HTML 6Page - Semtech Corporation LCDA15 Datasheet HTML 7Page - Semtech Corporation LCDA15 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
 2005 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
LCDA05 through LCDA24
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
t
r
a
P
r
e
b
m
u
N
h
s
i
n
i
F
d
a
e
Ll
e
e
R
r
e
p
y
t
Qe
z
i
S
l
e
e
R
B
T
.
5
0
A
D
C
Lb
P
n
S0
0
5h
c
n
I
7
B
T
.
2
1
A
D
C
Lb
P
n
S0
0
5h
c
n
I
7
B
T
.
5
1
A
D
C
Lb
P
n
S0
0
5h
c
n
I
7
B
T
.
4
2
A
D
C
Lb
P
n
S0
0
5h
c
n
I
7
T
B
T
.
5
0
A
D
C
Le
e
r
F
b
P0
0
5h
c
n
i
7
T
B
T
.
2
1
A
D
C
Le
e
r
F
b
P0
0
5h
c
n
i
7
T
B
T
.
5
1
A
D
C
Le
e
r
F
b
P0
0
5h
c
n
i
7
T
B
T
.
4
2
A
D
C
Le
e
r
F
b
P0
0
5h
c
n
i
7
5
0
A
D
C
Lb
P
n
Se
b
u
T
/
5
9A
/
N
2
1
A
D
C
Lb
P
n
Se
b
u
T
/
5
9A
/
N
5
1
A
D
C
Lb
P
n
Se
b
u
T
/
5
9A
/
N
4
2
A
D
C
Lb
P
n
Se
b
u
T
/
5
9A
/
N
T
.
5
0
A
D
C
Le
e
r
F
b
Pe
b
u
T
/
5
9A
/
N
T
.
2
1
A
D
C
Le
e
r
F
b
Pe
b
u
T
/
5
9A
/
N
T
.
5
1
A
D
C
Le
e
r
F
b
Pe
b
u
T
/
5
9A
/
N
T
.
4
2
A
D
C
Le
e
r
F
b
Pe
b
u
T
/
5
9A
/
N
Ordering Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com