Electronic Components Datasheet Search
  English  ▼

X  

T6816 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # T6816
Description  40-V Dual Hex Output Driver with Serial Input Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6816 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button T6816 Datasheet HTML 8Page - ATMEL Corporation T6816 Datasheet HTML 9Page - ATMEL Corporation T6816 Datasheet HTML 10Page - ATMEL Corporation T6816 Datasheet HTML 11Page - ATMEL Corporation T6816 Datasheet HTML 12Page - ATMEL Corporation T6816 Datasheet HTML 13Page - ATMEL Corporation T6816 Datasheet HTML 14Page - ATMEL Corporation T6816 Datasheet HTML 15Page - ATMEL Corporation T6816 Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
4595F–BCD–02/08
T6816
10. Application
Figure 10-1. Application Circuit
10.1
Application Notes
It is strongly recommended to connect the blocking capacitors at V
CC and VS as close as possi-
ble to the power supply and GND pins.
Recommended value for capacitors at V
S:
electrolythic capacitor C > 22 µF in parallel with a ceramic capacitor C = 100 nF. Value for elec-
trolytic capacitor depends on external loads, conducted interferences and reverse conducting
current I
HSX (see: Absolute Maximum Ratings).
Recommended value for capacitors at V
CC:
electrolythic capacitor C > 10 µF in parallel with a ceramic capacitor C = 100 nF.
To reduce thermal resistance it is recommended to place cooling areas on the PCB as close as
possible to GND pins.
BYT41D
V
S
V
Batt
24V
V
S
V
CC
U5021M
WATCHDOG
V
CC
V
CC
Enable
CLK
CS
DO
HS1
HS2
HS3
HS4
HS5
HS6
Osc
OH
S
V
S
GND
GND
GND
GND
GND
GND
GND
GND
V
CC
LS6
LS1
LS2
LS3
LS4
LS5
Control
logic
S
T
C
S
I
L
D
S
6
H
S
5
L
S
6
L
S
5
H
S
4
L
S
4
H
S
3
L
S
3
H
S
2
L
S
2
H
S
1
L
S
1
R
R
P
S
F
I
N
H
S
C
D
H
S
6
H
S
5
L
S
6
L
S
5
H
S
4
L
S
4
H
S
3
L
S
3
H
S
2
L
S
2
H
S
1
L
S
1
T
P
Input Register
Output Register
16
14
11
41
27
19
10
5
6
7
8
9
20
21
22
23
26
25
24
17
18
UV -
protection
Power-on
Reset
Thermal
protection
15
13
12
32
28
5 V
DI
INH
Fault
Detect
Fault
Detect
Fault
Detect
Fault
Detect
V
CC
V
S
V
S
V
CC
V
CC
V
S
Fault
Detect
Fault
Detect
Fault
Detect
Fault
Detect
Fault
Detect
Fault
Detect
Fault
Detect
Fault
Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com