Electronic Components Datasheet Search
  English  ▼

X  

T6818 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # T6818
Description  Triple Halfbridge DMOS Output Driver with Serial Input Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6818 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button T6818 Datasheet HTML 8Page - ATMEL Corporation T6818 Datasheet HTML 9Page - ATMEL Corporation T6818 Datasheet HTML 10Page - ATMEL Corporation T6818 Datasheet HTML 11Page - ATMEL Corporation T6818 Datasheet HTML 12Page - ATMEL Corporation T6818 Datasheet HTML 13Page - ATMEL Corporation T6818 Datasheet HTML 14Page - ATMEL Corporation T6818 Datasheet HTML 15Page - ATMEL Corporation T6818 Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
4530G–BCD–09/05
T6818/ATA6828
10. Application Circuit
10.1
Application Notes
It is strongly recommended to connect the blocking capacitors at V
CC and VS as close as possi-
ble to the power supply and GND pins.
Recommended value for capacitors at V
S:
Electrolytic capacitor C > 22 µF in parallel with a ceramic capacitor C = 100 nF. Value for elec-
trolytic capacitor depends on external loads, conducted interferences and reverse conducting
current I
Out1,2,3 (see “Absolute Maximum Ratings” on page 7).
Recommended value for capacitors at V
CC:
Electrolytic capacitor C > 10 µF in parallel with a ceramic capacitor C = 100 nF. To reduce ther-
mal resistance it is recommended to place cooling areas on the PCB as close as possible to the
GND pins. Negative spikes at the output pins (e.g. negative spikes caused by an inductive load
switched off with a high side driver) may activate the overtemperature protection function of the
T6818/ATA6828. In this condition, all outputs will be switched off simultaneously. If this behavior
is not acceptable or compatible with your application functionally, it is necessary, that for switch-
ing on required outputs again, the SRR bit (Status Register Reset) is set, to ensure a reset of the
overtemperature function.
DI
CLK
INH
DO
CS
UV
protection
Serial interface
Input register
Output register
H
S
3
L
S
3
H
S
2
L
S
2
H
S
1
L
S
1
S
R
R
O
C
S
n.
n.
n.
n.
n.
n.
P
S
F
O
P
L
S
C
D
n.
u.
H
S
3
L
S
3
H
S
2
L
S
2
H
S
1
L
S
1
T
P
OUT3
VS
VCC
Thermal
protection
Control
logic
Power-on
reset
Charge
pump
OUT2
OUT1
n.
n.
u.
GND
n.
u.
n.
u.
n.
u.
n.
u.
n.
u.
u.
u.
u.
u.
u.
u.
u.
3
11
1
7
8
14
212
13
5
6
4
10
9
GND
GND
GND
Fault
detect
Fault
detect
Fault
detect
Fault
detect
Fault
detect
Fault
detect
5 V
13 V
BYT41D
V
S
V
Batt
U5021M
Watchdog
V
CC
Enable
MM
V
CC
V
CC
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com