Electronic Components Datasheet Search
  English  ▼

X  

PFRO Datasheet(PDF) 1 Page - Semtech Corporation

Part # PFRO
Description  Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

PFRO Datasheet(HTML) 1 Page - Semtech Corporation

  PFRO Datasheet HTML 1Page - Semtech Corporation PFRO Datasheet HTML 2Page - Semtech Corporation PFRO Datasheet HTML 3Page - Semtech Corporation PFRO Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER DISCRETES
1
www.semtech.com
PFRO
Axial Leaded Hermetically Sealed
Superfast Recovery Rectifier Diode
Features
Revision: March 21, 2007
Quick reference data
V
R = 1000V
I
F
= 1.25A
t
rr = 100nS
I
R = 1µA
Very low reverse recovery time
Glass passivated for hermetic sealing
Low switching losses
Soft, non-snap off, recovery characteristics
Avalanche capability
Absolute Maximum Ratings
Electrical specifications @ T
A = 25°C unless otherwise specified.
l
o
b
m
y
S0
R
F
Ps
t
i
n
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
g
n
i
k
r
o
WV
M
W
R
0
0
0
1V
e
g
a
tl
o
V
e
s
r
e
v
e
R
e
g
r
u
SV
M
S
R
0
0
1
1V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
"
5
7
3
.
0
h
t
g
n
e
l
d
a
e
l
,
C
°
5
5
@
I
)
V
A
(
F
5
2
.
1
A
t
n
e
r
r
u
C
e
g
r
u
S
e
v
it
it
e
p
e
R
"
5
7
3
.
0
h
t
g
n
e
l
d
a
e
l
,r
i
a
e
e
r
f
n
i
C
°
5
5
@
I
M
R
F
1
1
A
t
n
e
r
r
u
C
e
g
r
u
S
e
v
it
it
e
p
e
R
-
n
o
N
V
@
S
m
3
.
8
=
p
t
(
R
T
&
X
A
M
J
)
I
M
S
F
0
3
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
5
7
1
+
o
t
5
5
-C
°
Description


Similar Part No. - PFRO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
Polypropylene film/foil capacitor
logo
Good Will Instrument Co...
PFR-100L GWINSTEK-PFR-100L Datasheet
452Kb / 2P
FANLESS MULTI-RANGE D.C. POWER SUPPLY
PFR-100L GWINSTEK-PFR-100L Datasheet
2Mb / 6P
Fanless Multi-Range D.C. Power Supply
PFR-100L-GL GWINSTEK-PFR-100L-GL Datasheet
2Mb / 6P
Fanless Multi-Range D.C. Power Supply
PFR-100L-GL-GTL-246 GWINSTEK-PFR-100L-GL-GTL-246 Datasheet
2Mb / 6P
Fanless Multi-Range D.C. Power Supply
More results

Similar Description - PFRO

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3PM2 SEMTECH-3PM2 Datasheet
127Kb / 3P
AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
1N3611 SEMTECH-1N3611 Datasheet
95Kb / 2P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
1N5550 SEMTECH-1N5550_08 Datasheet
159Kb / 4P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
2PFF6 SEMTECH-2PFF6 Datasheet
108Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
2PFF8 SEMTECH-2PFF8 Datasheet
115Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF2 SEMTECH-PFF2 Datasheet
148Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF8 SEMTECH-PFF8 Datasheet
107Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PM6 SEMTECH-PM6 Datasheet
99Kb / 3P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
New Jersey Semi-Conduct...
SFF30 NJSEMI-SFF30 Datasheet
88Kb / 2P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
F15 NJSEMI-F15 Datasheet
74Kb / 2P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com