Electronic Components Datasheet Search
  English  ▼

X  

S15F Datasheet(PDF) 1 Page - Semtech Corporation

Part # S15F
Description  RECTIFIER, up to 2.5kV, 500mA, 300ns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

S15F Datasheet(HTML) 1 Page - Semtech Corporation

  S15F Datasheet HTML 1Page - Semtech Corporation S15F Datasheet HTML 2Page - Semtech Corporation S15F Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, up to 2.5kV, 500mA,
300ns
S15F
S20F
S25F
January 7, 1998
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com


Similar Part No. - S15F

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
S15F YANGJIE-S15F Datasheet
105Kb / 2P
Schottky Rectifier
More results

Similar Description - S15F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM75F SEMTECH-SM75F Datasheet
253Kb / 3P
RECTIFIER UP YO 10kV, 290mA, 300ns
logo
Solid States Devices, I...
SDAH2500UF SSDI-SDAH2500UF Datasheet
38Kb / 2P
1.1 to 2 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
SDA2500F SSDI-SDA2500F Datasheet
55Kb / 2P
0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
logo
Semtech Corporation
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
RECTIFIER, up to 1kV, 3.25A, 300ns
F40A SEMTECH-F40A Datasheet
121Kb / 3P
RECTIFIER, up to 6kV, 100mA, 300ns
logo
Axiomtek Co., Ltd.
SBC81203 AXIOMTEK-SBC81203 Datasheet
133Kb / 1P
ISA with up to 500mA high drive supported
SBC81206 AXIOMTEK-SBC81206 Datasheet
134Kb / 1P
ISA with up to 500mA high drive supported
SBC81206 AXIOMTEK-SBC81206_14 Datasheet
135Kb / 2P
ISA with up to 500mA high drive supported
logo
Semtech Corporation
F50 SEMTECH-F50 Datasheet
123Kb / 3P
RECTIFIER, up to 7.5kV, 180mA, 300ns
logo
Maxim Integrated Produc...
MAX40009EVKIT MAXIM-MAX40009EVKIT Datasheet
1Mb / 11P
300ns Propagation Delay
Rev 1; 6/17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com