Electronic Components Datasheet Search
  English  ▼

X  

SC431 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC431
Description  Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431 Datasheet(HTML) 4 Page - Semtech Corporation

  SC431_08 Datasheet HTML 1Page - Semtech Corporation SC431_08 Datasheet HTML 2Page - Semtech Corporation SC431_08 Datasheet HTML 3Page - Semtech Corporation SC431_08 Datasheet HTML 4Page - Semtech Corporation SC431_08 Datasheet HTML 5Page - Semtech Corporation SC431_08 Datasheet HTML 6Page - Semtech Corporation SC431_08 Datasheet HTML 7Page - Semtech Corporation SC431_08 Datasheet HTML 8Page - Semtech Corporation SC431_08 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC431
e
c
n
a
r
e
l
o
T%
5
.
0%
5
.
0%
0
.
1%
0
.
2
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
AC
°
5
8
+
o
t
C
°
0
4
-C
°
5
2
1
+
o
t
C
°
0
4
-C
°
5
8
+
o
t
C
°
0
4
-C
°
5
8
+
o
t
C
°
0
4
-
3
-
3
2
-
T
O
S
)
1
(
R
T
5
.
-
K
S
C
1
3
4
C
SR
T
Q
K
S
C
1
3
4
C
SR
T
.
1
-
K
S
C
1
3
4
C
SR
T
.
2
-
K
S
C
1
3
4
C
S
3
-
3
2
-
T
O
S
)
3
(
,
)
1
(
T
R
T
5
.
-
K
S
C
1
3
4
C
ST
R
T
Q
K
S
C
1
3
4
C
ST
R
T
1
-
K
S
C
1
3
4
C
ST
R
T
2
-
K
S
C
1
3
4
C
S
8
-
O
S
)
2
(
R
T
5
.
-
S
C
1
3
4
C
SR
T
Q
S
C
1
3
4
C
SR
T
.
1
-
S
C
1
3
4
C
SR
T
.
2
-
S
C
1
3
4
C
S
8
-
O
S
)
3
(
)
2
(
T
R
T
5
.
-
S
C
1
3
4
C
ST
R
T
Q
S
C
1
3
4
C
ST
R
T
.
1
-
S
C
1
3
4
C
ST
R
T
.
2
-
S
C
1
3
4
C
S
SO-8 (Top View)
SOT-23-3 (Top View)
Notes:
(1) Only available in tape and reel packaging. A reel contains 3000 devices.
(2) Only available in tape and reel packaging. A reel contains 2500 devices.
(3) “T” at end of part number indicates “lead free”. This product is fully WEEE and RoHS compliant.
Pin Configurations
Block Diagram
Ordering Information
Symbol



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com