Electronic Components Datasheet Search
  English  ▼

X  

SC431L Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC431L
Description  Low Voltage Adjustable Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431L Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC431L_08 Datasheet HTML 2Page - Semtech Corporation SC431L_08 Datasheet HTML 3Page - Semtech Corporation SC431L_08 Datasheet HTML 4Page - Semtech Corporation SC431L_08 Datasheet HTML 5Page - Semtech Corporation SC431L_08 Datasheet HTML 6Page - Semtech Corporation SC431L_08 Datasheet HTML 7Page - Semtech Corporation SC431L_08 Datasheet HTML 8Page - Semtech Corporation SC431L_08 Datasheet HTML 9Page - Semtech Corporation SC431L_08 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC431L
Small-Signal Gain and Phase Shift
vs. Frequency
Reference Impedance
vs. Frequency
Typical Characteristics (Cont.)
Test Circuit - Small-Signal Gain and Phase
Reference Impedance vs.
Junction Temperature
Stability Boundary Condition For Shunt Regulation
vs. Cathode Current and Load Capacitance
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-50
-25
0
25
50
75
100
125
150
TJ (°C)
IZ = 0.1 to 100 mA
VZ = VREF
f < 1 kHz
0.01
0.1
1
10
100
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
f (Hz)
TA = 25°C
-20
-10
0
10
20
30
40
50
60
70
80
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
f (Hz)
-630
-585
-540
-495
-450
-405
-360
-315
-270
-225
-180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.001
0.01
0.1
1
10
CL (µF)
TA = 25°C
VZ = VREF
VZ = 2V
Stable
Stable
Test Circuit - Stability



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com