Electronic Components Datasheet Search
  English  ▼

X  

SC471A Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC471A
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471A Datasheet(HTML) 4 Page - Semtech Corporation

  SC471A Datasheet HTML 1Page - Semtech Corporation SC471A Datasheet HTML 2Page - Semtech Corporation SC471A Datasheet HTML 3Page - Semtech Corporation SC471A Datasheet HTML 4Page - Semtech Corporation SC471A Datasheet HTML 5Page - Semtech Corporation SC471A Datasheet HTML 6Page - Semtech Corporation SC471A Datasheet HTML 7Page - Semtech Corporation SC471A Datasheet HTML 8Page - Semtech Corporation SC471A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
© 2008 Semtech Corp.
SC471/SC471A
www.semtech.com
POWER MANAGEMENT
Electrical Characteristics (continued)
Parameter
Conditions
25°C
-40° to 85°C
Units
Min
Typ
Max
Min
Max
Regulation
Line Regulation Error
Typical Application Circuit
0.04
%/V
Load Regulation Error
Typical Application Circuit
0.3
%
Timing
On-Time
VOUT = 1.1V
250
225
275
ns
Minimum On-Time
100
ns
Minimum Off-Time
350
ns
Maximum Duty Cycle
V
BAT = VOUT + 0.2 FB < 0.7V
85
80
%
Soft-Start
Soft-Start Time
I
OUT = ILIM/2
1000
μs
Analog Inputs/Outputs
VOUT Input Resistance
500
kΩ
FB Input Bias Current
-1
+1
μA
Current Sense
Zero Crossing
Detector Threshold
LX - GND
0
-7
+7
mV
Power Good
Power Good Threshold
1% Hysteresis Typical
-20%
-17%
-23%
V
Threshold Delay Time(1)
5
μs
Voltage Transition Blank Time(1)
G0 or G1 Transition
32
clks
Leakage
1
μA
Fault Protection
ILIM Source Current
10
9
11
μA
ILIM Comparator Offset
0
-10
+10
mV
Current Limit (Negative)
LX - GND
80
60
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com