Electronic Components Datasheet Search
  English  ▼

X  

VN750 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VN750
Description  HIGH SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VN750 Datasheet HTML 6Page - STMicroelectronics VN750 Datasheet HTML 7Page - STMicroelectronics VN750 Datasheet HTML 8Page - STMicroelectronics VN750 Datasheet HTML 9Page - STMicroelectronics VN750 Datasheet HTML 10Page - STMicroelectronics VN750 Datasheet HTML 11Page - STMicroelectronics VN750 Datasheet HTML 12Page - STMicroelectronics VN750 Datasheet HTML 13Page - STMicroelectronics VN750 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10/15
VN750 / VN750S / VN750-B5
1
On State Resistance Vs Tcase
Openload On State Detection Threshold
Input Low Level
On State Resistance Vs VCC
Input High Level
Input Hysteresis Voltage
1
0
25
50
75
100
125
150
-25
-50
10
20
30
40
50
60
70
80
90
100
110
120
IOUT=2A
Vcc=8V; 13V; 36V
Tc(
°C)
RON (mOhm)
IOL (mA)
0
25
50
75
100
125
150
-25
-50
20
40
60
80
100
120
140
160
180
200
220
Vcc=13V
VIN=5V
Tc(
°C)
0
25
50
75
100
125
150
-25
-50
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Tc(
°C)
VIH (V)
5
10
1520
253035
20
30
40
50
60
70
80
90
100
110
120
130
RON (mOhm)
Vcc (V)
Iout=2A
Tc=-40
°C; 25°C; 125 °C;150°C
-40
°C
25
°C
125
°C
150
°C
0
25
50
75
100
125
150
-25
-50
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
Tc(
°C)
VIL (V)
0
25
50
75
100
125
150
-25
-50
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Tc(
°C)
VHYST (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com