Electronic Components Datasheet Search
  English  ▼

X  

SC431CSQTRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC431CSQTRT
Description  Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431CSQTRT Datasheet(HTML) 6 Page - Semtech Corporation

  SC431CSQTRT Datasheet HTML 1Page - Semtech Corporation SC431CSQTRT Datasheet HTML 2Page - Semtech Corporation SC431CSQTRT Datasheet HTML 3Page - Semtech Corporation SC431CSQTRT Datasheet HTML 4Page - Semtech Corporation SC431CSQTRT Datasheet HTML 5Page - Semtech Corporation SC431CSQTRT Datasheet HTML 6Page - Semtech Corporation SC431CSQTRT Datasheet HTML 7Page - Semtech Corporation SC431CSQTRT Datasheet HTML 8Page - Semtech Corporation SC431CSQTRT Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC431
-300
-200
-100
0
100
200
300
-2
-1
0123
VZ (V)
VZ = VREF
TA = 25
oC
-150
-100
-50
0
50
100
150
-2
-1
0123
VZ (V)
VZ = VREF
TA = 25
oC
0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
150
TJ (°C)
IZ = 10mA
∆VZ = 3V to 30V
2.485
2.490
2.495
2.500
2.505
2.510
2.515
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VZ = VREF
IZ = 10mA
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
150
TJ (°C)
IZ = 10mA
R1 = 10k
Ω
R2 =
∞
0.001
0.01
0.1
1
10
100
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VZ = 30V
VREF = 0V
Cathode Current vs.
Cathode Voltage
Cathode Current vs.
Cathode Voltage
Reference Voltage vs.
Junction Temperature
Reference Input Current vs.
Junction Temperature
Ratio of Delta Reference Voltage to Delta Cathode
Voltage vs. Junction Temperature
Off-State Cathode Current
vs. Junction Temperature
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com