Electronic Components Datasheet Search
  English  ▼

X  

DP83848I Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848I
Description  PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848I Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83848I Datasheet HTML 9Page - National Semiconductor (TI) DP83848I Datasheet HTML 10Page - National Semiconductor (TI) DP83848I Datasheet HTML 11Page - National Semiconductor (TI) DP83848I Datasheet HTML 12Page - National Semiconductor (TI) DP83848I Datasheet HTML 13Page - National Semiconductor (TI) DP83848I Datasheet HTML 14Page - National Semiconductor (TI) DP83848I Datasheet HTML 15Page - National Semiconductor (TI) DP83848I Datasheet HTML 16Page - National Semiconductor (TI) DP83848I Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
13
www.national.com
AN_EN (LED_ACT/COL)
AN_1 (LED_SPEED)
AN_0 (LED_LINK)
S, O, PU
26
27
28
Auto-Negotiation Enable: When high, this enables Auto-Negoti-
ation with the capability set by ANO and AN1 pins. When low, this
puts the part into Forced Mode with the capability set by AN0 and
AN1 pins.
AN0 / AN1: These input pins control the forced or advertised op-
erating mode of the DP83848I according to the following table.
The value on these pins is set by connecting the input pins to
GND (0) or VCC (1) through 2.2 kΩ resistors. These pins should
NEVER be connected directly to GND or VCC.
The value set at this input is latched into the DP83848I at Hard-
ware-Reset.
The float/pull-down status of these pins are latched into the Basic
Mode Control Register and the Auto_Negotiation Advertisement
Register during Hardware-Reset.
The default is 111 since these pins have internal pull-ups.
MII_MODE (RX_DV)
SNI_MODE (TXD_3)
S, O, PD
39
6
MII MODE SELECT: This strapping option pair determines the
operating mode of the MAC Data Interface. Default operation (No
pull-ups) will enable normal MII Mode of operation. Strapping
MII_MODE high will cause the device to be in RMII or SNI mode
of operation, determined by the status of the SNI_MODE strap.
Since the pins include internal pull-downs, the default values are
0.
The following table details the configurations:
LED_CFG (CRS)
S, O, PU
40
LED CONFIGURATION: This strapping option determines the
mode of operation of the LED pins. Default is Mode 1. Mode 1 and
Mode 2 can be controlled via the strap option. All modes are con-
figurable via register access.
SeeTable 3 for LED Mode Selection.
MDIX_EN (RX_ER)
S, O, PU
41
MDIX ENABLE: Default is to enable MDIX. This strapping option
disables Auto-MDIX. An external pull-down will disable Auto-
MDIX mode.
Signal Name
Type
Pin #
Description
AN_EN AN1
AN0
Forced Mode
0
0
0
10BASE-T, Half-Duplex
0
0
1
10BASE-T, Full-Duplex
0
1
0
100BASE-TX, Half-Duplex
0
1
1
100BASE-TX, Full-Duplex
AN_EN AN1
AN0
Advertised Mode
1
0
0
10BASE-T, Half/Full-Duplex
1
0
1
100BASE-TX, Half/Full-Duplex
1
1
0
10BASE-T Half-Duplex
100BASE-TX, Half-Duplex
1
1
1
10BASE-T, Half/Full-Duplex
100BASE-TX,Half/Full-Duplex
MII_MODE SNI_MODE
MAC Interface
Mode
0
X
MII Mode
1
0
RMII Mode
1
1
10 Mb SNI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com