Electronic Components Datasheet Search
  English  ▼

X  

LPC2923 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC2923
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2923 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC2923 Datasheet HTML 19Page - NXP Semiconductors LPC2923 Datasheet HTML 20Page - NXP Semiconductors LPC2923 Datasheet HTML 21Page - NXP Semiconductors LPC2923 Datasheet HTML 22Page - NXP Semiconductors LPC2923 Datasheet HTML 23Page - NXP Semiconductors LPC2923 Datasheet HTML 24Page - NXP Semiconductors LPC2923 Datasheet HTML 25Page - NXP Semiconductors LPC2923 Datasheet HTML 26Page - NXP Semiconductors LPC2923 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
23 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
6.11.4.1
Pin description
The event router module in the LPC2921/2923/2925 is connected to the pins listed below.
The pins are combined with other functions on the port pins of the LPC2921/2923/2925.
Table 12 shows the pins connected to the event router.
6.12 Peripheral subsystem
6.12.1 Peripheral subsystem clock description
The peripheral subsystem is clocked by a number of different clocks:
• CLK_SYS_PESS
• CLK_UART0/1
• CLK_SPI0/1/2
• CLK_TMR0/1/2/3
• CLK_SAFE see Section 6.7.2
6.12.2 Watchdog timer
The purpose of the watchdog timer is to reset the ARM9 processor within a reasonable
amount of time if the processor enters an error state. The watchdog generates a system
reset if the user program fails to trigger it correctly within a predetermined amount of time.
Key features:
• Internal chip reset if not periodically triggered
• Timer counter register runs on always-on safe clock
• Optional interrupt generation on watchdog time-out
Table 12.
Event-router pin connections
Symbol
Direction
Description
Default polarity
EXTINT 0 - 3
I
external interrupt input 0 - 3
1
CAN0 RXD
I
CAN0 receive data input wake-up
0
CAN1 RXD
I
CAN1 receive data input wake-up
0
I2C0_SCL
I
I2C0 SCL clock input
0
I2C1_SCL
I
I2C1 SCL clock input
0
USB_D+
I
USB D+ data input
<tbd>
LIN0 RXD
I
LIN0 receive data input wake-up
0
LIN1 RXD
I
LIN1 receive data input wake-up
0
SPI0 SDI
I
SPI0 receive data input
0
SPI1 SDI
I
SPI1 receive data input
0
SPI2 SDI
I
SPI2 receive data input
0
UART0 RXD
I
UART0 receive data input
0
UART1 RXD
I
UART1 receive data input
0
-
na
CAN interrupt (internal)
1
-
na
VIC FIQ (internal)
1
-
na
VIC IRQ (internal)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com