Electronic Components Datasheet Search
  English  ▼

X  

LPC2925 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC2925
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2925 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC2925 Datasheet HTML 14Page - NXP Semiconductors LPC2925 Datasheet HTML 15Page - NXP Semiconductors LPC2925 Datasheet HTML 16Page - NXP Semiconductors LPC2925 Datasheet HTML 17Page - NXP Semiconductors LPC2925 Datasheet HTML 18Page - NXP Semiconductors LPC2925 Datasheet HTML 19Page - NXP Semiconductors LPC2925 Datasheet HTML 20Page - NXP Semiconductors LPC2925 Datasheet HTML 21Page - NXP Semiconductors LPC2925 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
18 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
6.8.2 Flash layout
The ARM processor can program the flash for ISP (In-System Programming) through the
flash memory controller. Note that the flash always has to be programmed by ‘flash words’
of 128 bits (four 32-bit AHB bus words, hence 16 bytes).
The flash memory is organized into eight ‘small’ sectors of 8 kB each and up to 11 ‘large’
sectors of 64 kB each. The number of large sectors depends on the device type. A sector
must be erased before data can be written to it. The flash memory also has sector-wise
protection. Writing occurs per page which consists of 4096 bits (32 flash words). A small
sector contains 16 pages; a large sector contains 128 pages.
Table 10 gives an overview of the flash-sector base addresses.
Table 9.
Flash read modes
Synchronous timing
No buffer line
for single (non-linear) reads; one flash-word read per word read
Single buffer line
default mode of operation; most recently read flash word is kept until
another flash word is required
Asynchronous timing
No buffer line
one flash-word read per word read
Single buffer line
most recently read flash word is kept until another flash word is
required
Dual buffer line, single
speculative
on a buffer miss a flash read is done, followed by at most one
speculative read; optimized for execution of code with small loops
(less than eight words) from flash
Dual buffer line, always
speculative
most recently used flash word is copied into second buffer line; next
flash-word read is started; highest performance for linear reads
Table 10.
Flash sector overview
Flash memory
sector number
Sector size (kB)
Flash memory
address
LPC2921
LPC2923
LPC2925
11
8
2000 0000h
yes
yes
yes
12
8
2000 2000h
yes
yes
yes
13
8
2000 4000h
yes
yes
yes
14
8
2000 6000h
yes
yes
yes
15
8
2000 8000h
yes
yes
yes
16
8
2000 A000h
yes
yes
yes
17
8
2000 C000h
yes
yes
yes
18
8
2000 E000h
yes
yes
yes
0
64
2001 0000h
yes
yes
yes
1
64
2002 0000h
no
yes
yes
2
64
2003 0000h
no
yes
yes
3
64
2004 0000h
no
no
yes
4
64
2005 0000h
no
no
yes
5
64
2006 0000h
no
no
yes
6
64
2007 0000h
no
no
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com