Electronic Components Datasheet Search
  English  ▼

X  

H300 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # H300
Description  Totalizers mechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

H300 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  H300 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG H300 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG H300 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG H300 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Totalizers mechanic
www.baumerivo.com
2
H 300, M 300, U 300
Stroke, meter and revolution counters
Display 6-digits, reset by key
Away from user
Toward user
Sense of rotation or
Sense of rotation or
stroke direction I
stroke direction II
Direction of strokes and rotation
Technical data - mechanical design
H 300
Function
Stroke counter
Display
White numbers on black
Count mode
Adding in a stroke direction to
be indicated. 1 stroke = 1 count
Stroke
>38° to <60°
Stroke lever
To be positioned on shaft at
will. Stroke lever relocates
automatically to start position.
Stroke frequency
≤500 strokes/min
Measuring range
999 999
M 300
Function
Meter counter
Display
White numbers on black
Decimal digits in red
Count mode
Adding in a rotational direction
to be indicated, subtracting
in reverse direction. 5 revs. = 10
counts
Measuring speed
<100 m/min (measuring wheel)
Measuring precision
1 dm
Measuring range
99 999.9 m
U 300
Function
Revolution counter
Display
White numbers on black
Count mode
Adding in a rotational direction
to be indicated, subtracting in
reverse direction. 1 rev. = 1
count
Operating speed
≤3000 rpm
Measuring range
999 999
Accessories
Measuring wheels for M 300
MR211.04A Circumf. 20 cm, knurled aluminium
MR241.04D Circumf. 20 cm, smooth Hytrel TPE-E
MR261.04A Circumf. 20 cm, knopped rubber NBR Nitril
MR291.04D Circumf. 20 cm, grooved Hytrel TPE-E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com