Electronic Components Datasheet Search
  English  ▼

X  

N141 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # N141
Description  Spindle Position Displays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

N141 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  N141 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG N141 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG N141 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG N141 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Spindle Position Displays
www.baumerivo.com
2
N 141
Part number
N 141. 1
0
3
A
01
Hollow shaft
A Hollow shaft ø25 mm
B Hollow shaft ø20 mm
Display
A Inclined
Voltage supply
3 24 VDC
E-connection
0 Cable output with M16 connector
Interface
1 RS485
Hollow shaft max. ø25 mm, manual format alignment with actual value correction
Display LCD two lines, interface RS485
Accessories
Connectors and cables (page %S)
Z 165.A01
Adaptor cable between cable connector M16
and female M8, 1 m
Z 165.AW1 Cable connector M16, 5-pin, less cable with
integrated terminating resistor 120 Ω
Z 165.B01
Mating connector M16, 5-pin, less cable
Z 165.D05
Data and supply cable M16, Master to N 140,
N 141 and N 142, 5 m
Z 165.S01
Cable connector M16, 5-pin, less cable
Z 165.V01
Coupling cable between M16 and M16, 1 m
N 141 spindle position display supports the editing engineer
in manual spindle positioning operations. The principal
benefits of the new electronic spindle position display are
saving time in machine setup and editing as well as elimina-
tion of errors when aligning formats to new position values.
The absolute measuring system captures any change in
position even in powerless state. The backlit LCD display
provides the editing engineer with all necessary information
for efficient editing of the new spindle positions. The two-
line display shows both current value and target. A little ar-
row signalizes the editing engineer the direction the spindle
must be turned to get to the new position. The keypad
enables switchover from current value to a preset correc-
tion value. This is an elegant correction in position changes
that for example might result from regrinding of tools.
RS485 serial interface enables netowrk of maximum 32
spindle position displays with PC or PLC.
For complete solutions also memory controllers serving as
decentralized operating and memory terminals are avail-
able. Up to 100 format profiles can be stored by teach-in.
Upon request the desired profile is recalled upon pressing a
button and transmitted to every spindle position display and
shown as target.
Description



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com