Electronic Components Datasheet Search
  English  ▼

X  

N142 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # N142
Description  Spindle Position Displays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

N142 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  N142 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG N142 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG N142 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG N142 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Spindle Position Displays
www.baumerivo.com
2
N 142
Part number
N 142. 1
3
A
01
Hollow shaft
A Hollow shaft ø25 mm
B Hollow shaft ø20 mm
Display
A Inclined
Voltage supply
3 24 VDC
E-connection
1 Cable output M16, motor cable 0.5 m
2 Cable output M16, motor cable 1.5 m
Interface
1 RS485
Hollow shaft max. ø25 mm, automatic format alignment
Display LCD two lines, interface RS485
Accessories
Connectors and cables (page %S)
Z 165.A01
Adaptor cable between cable connector M16
and female M8, 1 m
Z 165.AW1 Cable connector M16, 5-pin, less cable with
integrated terminating resistor 120 Ω
Z 165.B01
Mating connector M16, 5-pin, less cable
Z 165.D05
Data and supply cable M16, Master to N 140,
N 141 and N 142, 5 m
Z 165.S01
Cable connector M16, 5-pin, less cable
Z 165.V01
Coupling cable between M16 and M16, 1 m
multiconDrive represents a simplified and very efficient,
reasonably priced system for automatic format alignment.
With multiconDrive the spindle position displays communi-
cate directly with EC motors. Every spindle position display
is connected to the corresponding motor by a separate
cable output providing the motor without delay with the
signals “clockwise”, “counterclockwise”, “rotation speed” for
switchover to high/low speed.
The spindle position display provides two keys for clock-
wise and counterclockwise direction used during the first
editing operation. The key makes the motor moving into the
requested direction. A soft touch results in a defined STEP.
Thus, new spindle positions can be edited under direct
visual check of the operator with an accuracy of ±1/100 mm.
Shaft position parameters once set can be filed as profile in
the control. The serial interface enables network of maxi-
mum 32 spindle position displays with PC or PLC.
For complete solutions N 242 memory controller as operat-
ing and memory terminal is available. Up to 100 format
profiles can be stored by teach-in. The respective position
parameters can be retransmitted at any time as target to the
respecitve spindle position displays to release automatic
format alignment cycles.
Description



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com