Electronic Components Datasheet Search
  English  ▼

X  

NE213.321AX09 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # NE213.321AX09
Description  Preset counters electronic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

NE213.321AX09 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  NE213.321AX09 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG NE213.321AX09 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG NE213.321AX09 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG NE213.321AX09 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Preset counters electronic
3
www.baumerivo.com
www.baumerivo.com
NE213
2 presets, printer interface
Display LED, 8-digits, programmable
Part number
NE213. 3
AX09
Voltage supply
1 24 / 48 VAC
2 115 / 230 VAC
3 12...30 VDC
Outputs
1 Relay outputs, B1 normally closed
2 Relay outputs, B1 normally open
3 Electronic outputs PNP
4 Electronic outputs NPN
Interface
3 RS232
Dimensions
72
18.5
108
105
1-6
7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com