Electronic Components Datasheet Search
  English  ▼

X  

VN920SO Datasheet(PDF) 20 Page - STMicroelectronics

Part # VN920SO
Description  SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920SO Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VN920SO Datasheet HTML 16Page - STMicroelectronics VN920SO Datasheet HTML 17Page - STMicroelectronics VN920SO Datasheet HTML 18Page - STMicroelectronics VN920SO Datasheet HTML 19Page - STMicroelectronics VN920SO Datasheet HTML 20Page - STMicroelectronics VN920SO Datasheet HTML 21Page - STMicroelectronics VN920SO Datasheet HTML 22Page - STMicroelectronics VN920SO Datasheet HTML 23Page - STMicroelectronics VN920SO Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
20/25
VN920 / VN920-B5 / VN920SO
DIM.
mm.
MIN.
TYP
MAX.
A
4.30
4.80
A1
2.40
2.80
A2
0.03
0.23
b
0.80
1.05
c
0.45
0.60
c2
1.17
1.37
D
8.95
9.35
D2
8.00
E
10.00
10.40
E1
8.50
e
3.20
3.60
e1
6.60
7.00
L
13.70
14.50
L2
1.25
1.40
L3
0.90
1.70
L5
1.55
2.40
R
0.40
V2
0º
8º
Package Weight
1.40 Gr (typ)
P010R
P2PAK MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com