Electronic Components Datasheet Search
  English  ▼

X  

DP83849ID Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849ID
Description  PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849ID Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83849ID Datasheet HTML 1Page - National Semiconductor (TI) DP83849ID Datasheet HTML 2Page - National Semiconductor (TI) DP83849ID Datasheet HTML 3Page - National Semiconductor (TI) DP83849ID Datasheet HTML 4Page - National Semiconductor (TI) DP83849ID Datasheet HTML 5Page - National Semiconductor (TI) DP83849ID Datasheet HTML 6Page - National Semiconductor (TI) DP83849ID Datasheet HTML 7Page - National Semiconductor (TI) DP83849ID Datasheet HTML 8Page - National Semiconductor (TI) DP83849ID Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
© 2008 National Semiconductor Corporation
www.national.com
1
May 2008
DP83849ID PHYTER® DUAL Industrial Temperature with Fiber Support (FX)
Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
General Description
The number of applications requiring Ethernet Con-
nectivity continues to expand. Along with this
increased market demand is a change in application
requirements. Where single channel Ethernet used to
be sufficient, many applications such as wireless
remote base stations and industrial networking now
require DUAL Port functionality for redundancy or sys-
tem management.
The DP83849ID is a highly reliable, feature rich device
perfectly suited for industrial applications enabling
Ethernet on the factory floor. The DP83849ID features
two fully independent 10/100 ports for multi-port appli-
cations.
The DP83849ID provides optimum flexibility in MPU
selection by supporting both MII and RMII interfaces.
The device also provides flexibility by supporting both
copper and fiber media.
In addition this device includes a powerful new diag-
nostics tool to ensure initial network operation and
maintenance. In addition to the TDR scheme, com-
monly used for detecting faults during installation,
NATIONAL’s innovative cable diagnostics provides for
real time continuous monitoring of the link quality. This
allows the system designer to implement a fault pre-
diction mechanism to detect and warn of changing or
deteriorating link conditions.
With the DP83849ID, National Semiconductor contin-
ues to build on its Ethernet expertise and leadership
position by providing a powerful combination of fea-
tures and flexibility, easing Ethernet implementation for
the system designer.
System Diagram
PHYTER is a registered trademark of National Semiconductor Corporation
Status
10BASE-T
or
100BASE-TX
MII/RMII/SNI
25 MHz
Clock
LEDs
DP83849ID
MPU/CPU
Source
Typical Application
MII/RMII/SNI
10BASE-T
or
100BASE-TX
100BASE-FX
100BASE-FX
Port A
Port B
Features
• Low-power 3.3V, 0.18µm CMOS technology
• Low power consumption <600mW Typical
• 3.3V MAC Interface
• Auto-MDIX for 10/100 Mb/s
• Energy Detection Mode
• Dynamic Integrity Utility
• Dynamic Link Quality Monitoring
• TDR based Cable Diagnostic and Cable Length Detection
• Optimized Latency for Real Time Ethernet Operation
• Reference Clock out
• RMII Rev. 1.2 Interface (configurable)
• SNI Interface (configurable)
• MII Serial Management Interface (MDC and MDIO)
• IEEE 802.3u MII
• IEEE 802.3u Auto-Negotiation and Parallel Detection
• IEEE 802.3u ENDEC, 10BASE-T transceivers and filters
• IEEE 802.3u PCS, 100BASE-TX transceivers and filters
• IEEE 802.3u 100BASE-FX Fiber Interface
• IEEE 1149.1 JTAG
• Integrated ANSI X3.263 compliant TP-PMD physical sub-layer
with adaptive equalization and Baseline Wander compensation
• Programmable LED support for Link, 10 /100 Mb/s Mode, Activ-
ity, Duplex and Collision Detect
• Single register access for complete PHY status
• 10/100 Mb/s packet BIST (Built in Self Test)
• 80-pin TQFP package (12mm x 12mm)
Applications
• Medical Instrumentation
• Factory Automation
• Motor & Motion Control
• Wireless Remote Base Station
• General Embedded Applications


Similar Part No. - DP83849ID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83849ID NSC-DP83849ID Datasheet
3Mb / 98P
PHYTER DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83849ID TI1-DP83849ID Datasheet
871Kb / 100P
PHYTER DUAL Industrial Temperature with Fiber Support
DP83849ID TI2-DP83849ID Datasheet
870Kb / 100P
DP83849ID PHYTER® DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
May 2008
DP83849ID TI2-DP83849ID Datasheet
978Kb / 105P
DP83849ID PHYTER DUAL Industrial Temperature with Fiber Support (FX), Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
May 2008
DP83849IDVS TI1-DP83849IDVS Datasheet
871Kb / 100P
PHYTER DUAL Industrial Temperature with Fiber Support
More results

Similar Description - DP83849ID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83849ID NSC-DP83849ID Datasheet
3Mb / 98P
PHYTER DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF NSC-DP83849IF Datasheet
3Mb / 108P
PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) an Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF NSC-DP83849IF_06 Datasheet
3Mb / 108P
DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848C NSC-DP83848C_08 Datasheet
2Mb / 84P
PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I NSC-DP83848I_08 Datasheet
2Mb / 84P
PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849C NSC-DP83849C_08 Datasheet
3Mb / 98P
PHYTER짰 DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849I NSC-DP83849I_08 Datasheet
3Mb / 106P
PHYTER짰 DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF NSC-DP83849IF_08 Datasheet
1Mb / 90P
PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
logo
Texas Instruments
DP83849IF TI1-DP83849IF_14 Datasheet
1Mb / 104P
PHYTER??DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
DP83849IF TI1-DP83849IF_15 Datasheet
1Mb / 105P
DP83849IF PHYTER DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com