Electronic Components Datasheet Search
  English  ▼

X  

SFR0 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SFR0
Description  RECTIFIER, 1kV, 1.6A, 150ns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SFR0 Datasheet(HTML) 1 Page - Semtech Corporation

  SFR0 Datasheet HTML 1Page - Semtech Corporation SFR0 Datasheet HTML 2Page - Semtech Corporation SFR0 Datasheet HTML 3Page - Semtech Corporation SFR0 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, 1kV, 1.6A, 150ns
SFR0
January 7, 1998
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com


Similar Part No. - SFR0

ManufacturerPart #DatasheetDescription
logo
Rohm
SFR01 ROHM-SFR01 Datasheet
1Mb / 8P
Sulfur tolerant chip resistors
2022.12 - Rev.006
SFR01MZPF1000 ROHM-SFR01MZPF1000 Datasheet
1Mb / 8P
Sulfur tolerant chip resistors
2022.12 - Rev.006
SFR01MZPF1003 ROHM-SFR01MZPF1003 Datasheet
1Mb / 8P
Sulfur tolerant chip resistors
2022.12 - Rev.006
SFR01MZPF1004 ROHM-SFR01MZPF1004 Datasheet
1Mb / 8P
Sulfur tolerant chip resistors
2022.12 - Rev.006
SFR01MZPF1201 ROHM-SFR01MZPF1201 Datasheet
1Mb / 8P
Sulfur tolerant chip resistors
2022.12 - Rev.006
More results

Similar Description - SFR0

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
N-150NS SANYO-N-150NS Datasheet
203Kb / 1P
Cell Type N-150NS
logo
Semtech Corporation
1N5614 SEMTECH-1N5614 Datasheet
143Kb / 3P
RECTIFIER, up to 1kV, 2A, 2關s
1N5615 SEMTECH-1N5615 Datasheet
190Kb / 4P
RECTIFIER, up to 1kV, 2A, 150-500ns
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
RECTIFIER, up to 1kV, 3.25A, 300ns
3PFR0 SEMTECH-3PFR0 Datasheet
149Kb / 4P
RECTIFIER, 1kV, 2.7A, 150ns
3SFR0 SEMTECH-3SFR0 Datasheet
178Kb / 4P
RECTIFIER, 1kV, 3.25A, 150ns
logo
GETAI ELECTRONICS DEVIC...
2CL2FF GETEDZ-2CL2FF_16 Datasheet
446Kb / 1P
60mA 8.0Kv 150nS--High voltage silicon rectifier diode
2CL2FH GETEDZ-2CL2FH_16 Datasheet
446Kb / 1P
60mA 12Kv 150nS--High voltage silicon rectifier diode
2CL2FJ GETEDZ-2CL2FJ_16 Datasheet
446Kb / 1P
60mA 15Kv 150nS--High voltage silicon rectifier diode
2CL2FG GETEDZ-2CL2FG_16 Datasheet
447Kb / 1P
60mA 10Kv 150nS--High voltage silicon rectifier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com