Electronic Components Datasheet Search
  English  ▼

X  

SLF10000 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SLF10000
Description  Fast Recovery High Voltage Rectifier Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SLF10000 Datasheet(HTML) 1 Page - Semtech Corporation

  SLF10000 Datasheet HTML 1Page - Semtech Corporation SLF10000 Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER DISCRETES
1
www.semtech.com
SLF2500, SLF5000,
SLF10000, SLF15000
Fast Recovery High Voltage
Rectifier Assembly
Features
Revision: August 15, 2006
Quick reference data
VR = 2500V - 15000V
IF = 0.5A
Ir = 5µA
IFSM = 35A
Low forward voltage drop
Low reverse leakage current
High thermal shock resistance
Electrical Specifications
Electrical specifications @ T
A = 25°C unless otherwise specified.
e
c
i
v
e
D
s
e
p
y
T
V
M
W
R
I
)
V
A
(
F
T
A
C
°
5
2
=
I
)
V
A
(
F
T
A
C
°
5
5
=
I
M
R
F
I
M
S
F
I
R
V
@
,
M
W
R
T
A
C
°
5
2
=
I
R
V
@
,
M
W
R
T
A
C
°
0
0
1
=
V
f
I
@
)
V
A
(
F
T
A
C
°
5
2
=
t
r
r
"
C
"
m
i
D
e
e
S
(
e
l
b
a
T
)
1
2
G
s
tl
o
Vs
p
m
As
p
m
As
p
m
As
p
m
AA
µA
µs
tl
o
Vs
ns
e
h
c
n
I
0
0
5
2
F
L
S0
0
5
25
.
05
.
00
15
35
0
0
14
0
0
35
4
1
.
1
0
0
0
5
F
L
S0
0
0
55
.
05
.
00
15
35
0
0
15
.
70
0
35
4
1
.
1
0
0
0
0
1
F
L
S0
0
0
0
15
.
05
.
00
15
35
0
0
15
10
0
30
2
0
.
2
0
0
0
5
1
F
L
S0
0
0
5
15
.
05
.
00
15
35
0
0
15
.
2
20
0
30
7
7
.
2
Description


Similar Part No. - SLF10000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF10145 TDK-SLF10145 Datasheet
82Kb / 2P
Inductors For Power Line SMD
SLF10145 TDK-SLF10145 Datasheet
82Kb / 2P
Inductors For Power Line SMD
SLF10145 TDK-SLF10145 Datasheet
7Mb / 49P
Inductors for Power Circuits Wound Ferrite SLFseries
SLF10145 TDK-SLF10145 Datasheet
817Kb / 49P
Inductors for Power Circuits Wound Ferrite SLFseries
SLF10145 TDK-SLF10145 Datasheet
55Kb / 2P
The SLF series are characterized by low profile, low DC resistance, and high current handling capacities.
More results

Similar Description - SLF10000

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S2HVS2.5F SEMTECH-S2HVS2.5F Datasheet
67Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
SCFS2000 SEMTECH-SCFS2000 Datasheet
107Kb / 3P
FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
SCF2500 SEMTECH-SCF2500 Datasheet
105Kb / 3P
FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
SCKV30K12F SEMTECH-SCKV30K12F Datasheet
78Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
SDHF2.5KS SEMTECH-SDHF2.5KS Datasheet
110Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
SHVM2.5F SEMTECH-SHVM2.5F Datasheet
74Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
SHVS5F SEMTECH-SHVS5F Datasheet
68Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
logo
GETAI ELECTRONICS DEVIC...
AW005S500U GETEDZ-AW005S500U Datasheet
520Kb / 2P
Fast Recovery High Voltage Rectifier Assembly
AW010S500U GETEDZ-AW010S500U Datasheet
520Kb / 2P
Fast Recovery High Voltage Rectifier Assembly
HVR5510F15 GETEDZ-HVR5510F15_V01 Datasheet
512Kb / 2P
Fast Recovery High Voltage Rectifier Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com