Electronic Components Datasheet Search
  English  ▼

X  

SL05.TC Datasheet(PDF) 1 Page - Semtech Corporation

Part # SL05.TC
Description  Low Capacitance TVS Diode For High Speed Data Interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SL05.TC Datasheet(HTML) 1 Page - Semtech Corporation

  SL05.TC Datasheet HTML 1Page - Semtech Corporation SL05.TC Datasheet HTML 2Page - Semtech Corporation SL05.TC Datasheet HTML 3Page - Semtech Corporation SL05.TC Datasheet HTML 4Page - Semtech Corporation SL05.TC Datasheet HTML 5Page - Semtech Corporation SL05.TC Datasheet HTML 6Page - Semtech Corporation SL05.TC Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS
SL05 through SL24
Low Capacitance TVS Diode
For High Speed Data Interfaces
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 09/23/04
The SL series of TVS arrays are designed to protect
sensitive electronics from damage or latch-up due to
ESD, lightning, and other voltage-induced transient
events. They are available with operating voltages of
5V, 12V, 15V and 24V.
TVS diodes are solid-state devices designed specifically
for transient suppression. They offer desirable charac-
teristics for board level protection including fast re-
sponse time, low operating and clamping voltage, and
no device degradation. The SL series devices feature
a low capacitance, fast switching compensation diode
in series with a standard TVS diode. This effectively
reduces the overall capacitance of the device to less
than 5pF making it an integrated, low capacitance
solution for use on high-speed interfaces.
The SL series devices may be used to meet the immu-
nity requirements of IEC 61000-4-2, level 4.
Applications
Mechanical Characteristics
High-Speed data lines
Cellular handsets AND accessories
Universal Serial Bus (USB) port protection
Portable instrumentation
LAN/WAN equipment
Peripherals
Transient protection for high-speed data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 12A (8/20µs)
Small package for use in portable electronics
Two devices will protect one line
Low capacitance for high-speed data lines
Working voltages: 5V, 12V, 15V and 24V
Solid-state silicon avalanche technology
JEDEC SOT23 package
Molding compound flammability rating: UL 94V-0
Marking : Marking Code
Packaging : Tape and Reel per EIA 481
SOT23 Top View
1
2
3
(N.C.)
Description


Similar Part No. - SL05.TC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SL05 SEMTECH-SL05 Datasheet
167Kb / 7P
Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Micro Commercial Compon...
SL05 MCC-SL05 Datasheet
369Kb / 2P
Transient Voltage Suppressor 300 Watt
logo
Microsemi Corporation
SL05 MICROSEMI-SL05 Datasheet
89Kb / 2P
TVSarray Series
logo
Shenzhen Luguang Electr...
SL05 LUGUANG-SL05 Datasheet
152Kb / 2P
TVS Array Series
logo
Faraday Technology
SL0500A FARADAY-SL0500A Datasheet
41Kb / 3P
GENERAL PURPOSE VIDEO FILTERS
More results

Similar Description - SL05.TC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SL05 SEMTECH-SL05 Datasheet
167Kb / 7P
Low Capacitance TVS Diode For High Speed Data Interfaces
logo
StarHope
TLSD03GU SPSEMI-TLSD03GU Datasheet
760Kb / 3P
LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Shanghai Leiditech Elec...
LC08DT3 LEIDITECH-LC08DT3 Datasheet
132Kb / 3P
LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC12DT3 LEIDITECH-LC12DT3 Datasheet
132Kb / 3P
LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC24DT3 LEIDITECH-LC24DT3 Datasheet
132Kb / 3P
LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC33DT3 LEIDITECH-LC33DT3 Datasheet
132Kb / 3P
LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC36DT3 LEIDITECH-LC36DT3 Datasheet
132Kb / 3P
LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LCDA12C-4 LEIDITECH-LCDA12C-4 Datasheet
269Kb / 3P
Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA15C-4 LEIDITECH-LCDA15C-4 Datasheet
269Kb / 3P
Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LC15DT3 LEIDITECH-LC15DT3 Datasheet
191Kb / 3P
LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com