Electronic Components Datasheet Search
  English  ▼

X  

SMS05 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SMS05
Description  TVS Diode Array For ESD and Latch-Up Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMS05 Datasheet(HTML) 6 Page - Semtech Corporation

  SMS05 Datasheet HTML 1Page - Semtech Corporation SMS05 Datasheet HTML 2Page - Semtech Corporation SMS05 Datasheet HTML 3Page - Semtech Corporation SMS05 Datasheet HTML 4Page - Semtech Corporation SMS05 Datasheet HTML 5Page - Semtech Corporation SMS05 Datasheet HTML 6Page - Semtech Corporation SMS05 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SMS05 through SMS24
Outline Drawing - SO-8
Land Pattern -SOT23 6L
Outline Drawing -SOT23 6L
.110 BSC
.037 BSC
DETAIL
aaa C
SEATING
ccc C
2X N/2 TIPS
2X E/2
6
SEE DETAIL
A1
A
A2
bxN
A
.008
12
N
E
.060
.114
.063
.118
.010
-
6
A
0.20
1.60
3.00
2.80 BSC
0.95 BSC
.069
1.50
2.90
.020
0.25
1.75
0.50
-
EI
L
(L1)
c
01
0.25
PLANE
GAGE
H
2.80
.110
bbb
C A-B D
0°
.008
-
.004
.012
.003
(.024)
.018
-
.035
.000
.035
-
-
.045
0.10
0.20
10°
0°
-
10°
1.15
(0.60)
0.45
.024
.009
0.30
0.08
.057
.051
.006
0.00
.90
0.90
0.22
0.60
-
0.15
1.45
1.30
-
-
1.90 BSC
.075 BSC
A
e1
D
e
B
C
H
NOM
INCHES
DIMENSIONS
L1
aaa
bbb
ccc
01
N
DIM
c
e
e1
L
E1
E
D
A1
A2
b
A
MIN
MILLIMETERS
MAX MIN NOM MAX
PLANE
D
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
NOTES:
1.
2.
-A-
-B-
-H-
SIDE VIEW
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
.043
.141
.055
(.098)
.037
.024
1.40
(2.50)
0.95
0.60
1.10
3.60
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
P
(C)
Z
Y
G
X



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com