Electronic Components Datasheet Search
  English  ▼

X  

VND5N07 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VND5N07
Description  OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5N07 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VND5N07 Datasheet HTML 6Page - STMicroelectronics VND5N07 Datasheet HTML 7Page - STMicroelectronics VND5N07 Datasheet HTML 8Page - STMicroelectronics VND5N07 Datasheet HTML 9Page - STMicroelectronics VND5N07 Datasheet HTML 10Page - STMicroelectronics VND5N07 Datasheet HTML 11Page - STMicroelectronics VND5N07 Datasheet HTML 12Page - STMicroelectronics VND5N07 Datasheet HTML 13Page - STMicroelectronics VND5N07 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
VND5N07/VND5N07-1/VNP5N07FI/K5N07FM
10/15
PACKAGE MECHANICAL
Table 11. DPAK Mechanical Data
Figure 32. DPAK Package Dimensions
Note: Drawing is not to scale.
Symbol
millimeters
Min
Typ
Max
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
B0.64
0.90
B2
5.20
5.40
C0.45
0.60
C2
0.48
0.60
D6.00
6.20
D1
5.1
E6.40
6.60
E1
4.7
e2.28
G4.40
4.60
H
9.35
10.10
L2
0.8
L4
0.60
1.00
R0.2
V2
0°
8°
Package Weight
Gr. 0.29
P032P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com