Electronic Components Datasheet Search
  English  ▼

X  

DW01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DW01
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DW01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DW01 Datasheet HTML 1Page - List of Unclassifed Manufacturers DW01 Datasheet HTML 2Page - List of Unclassifed Manufacturers DW01 Datasheet HTML 3Page - List of Unclassifed Manufacturers DW01 Datasheet HTML 4Page - List of Unclassifed Manufacturers DW01 Datasheet HTML 5Page - List of Unclassifed Manufacturers DW01 Datasheet HTML 6Page - List of Unclassifed Manufacturers DW01 Datasheet HTML 7Page - List of Unclassifed Manufacturers DW01 Datasheet HTML 8Page - List of Unclassifed Manufacturers DW01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DW01 Plus
One Cell Lithium-ion/Polymer Battery Protection IC
E
Elleeccttrriiccaall C
Ch
haarraacctteerriissttiiccss
(Ta=25°C unless otherwise specified)
PARAMETER
TEST CONDITIONS SYMBOL
Min
Typ
Max
UNIT
Supply Current
VCC=3.9V
ICC
3.0
6.0
μ
A
Power-Down Current
VCC=2.0V
IPD
0.1
μ
A
Overcharge Protection Voltage
DW01 Plus
VOCP
4.25
4.30
4.35
V
Overcharge Release Voltage
VOCR
4.05
4.10
4.15
V
Overdischarge Protection Voltage
VODP
2.30
2.40
2.50
V
Overdischarge Release Voltage
VODR
2.90
3.00
3.10
V
Overcurrent Protection Voltage
VOIP(VOI1)
120
150
180
mV
Short Current Protection Voltage
VCC=3.6V
VSIP(VOI2) 1.25
1.35
1.45
V
Overcharge Delay Time
TOC
80
200
ms
Overdischarge Delay Time
VCC=3.6V to 2.0V
TOD
20
60
ms
Overcurrent Delay Time (1)
VCC=3.6V
TOI1
10
20
ms
Overcurrent Delay Time (2)
VCC=3.6V
TOI2
5
50
μ
s
Charger Detection Threshold Voltage
VCH
-1.2
-0.7
-0.2
V
OD Pin Output “H” Voltage
VDH
VCC-0.1 VCC-0.02
V
OD Pin Output “L” Voltage
VDL
0. 1
0.5
V
OC Pin Output “H” Voltage
VCH
VCC-0.1 VCC-0.02
V
OC Pin Output “L” Voltage
VCL
0.1
0.5
V
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
5/11
TD-0405001 Rev. 1.0
http://www.fsc.com.tw
FAX: +886-2-2809-4874



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com