Electronic Components Datasheet Search
  English  ▼

X  

DS80C320-ENG Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # DS80C320-ENG
Description  High-Speed/Low-Power Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C320-ENG Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button DS80C320-ENG Datasheet HTML 32Page - Maxim Integrated Products DS80C320-ENG Datasheet HTML 33Page - Maxim Integrated Products DS80C320-ENG Datasheet HTML 34Page - Maxim Integrated Products DS80C320-ENG Datasheet HTML 35Page - Maxim Integrated Products DS80C320-ENG Datasheet HTML 36Page - Maxim Integrated Products DS80C320-ENG Datasheet HTML 37Page - Maxim Integrated Products DS80C320-ENG Datasheet HTML 38Page - Maxim Integrated Products DS80C320-ENG Datasheet HTML 39Page - Maxim Integrated Products DS80C320-ENG Datasheet HTML 40Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
DS80C320/DS80C323 High-Speed/Low-Power Microcontrollers
39 of 40
DATA SHEET REVISION SUMMARY
The following represent the key differences between the 101006 and 070505 version of the DS80C320/DS80C323 data
sheet. Please review this summary carefully.
1.
Deleted DS80C323-MND from Ordering Information table (page 2). Device was never manufactured.
The following represent the key differences between the 070505 and 051804 version of the DS80C320/DS80C323 data
sheet. Please review this summary carefully.
2.
Added Pb-free/RoHS-compliant part numbers to Ordering Information table.
3.
Deleted the “A” from the IPC/JEDEC J-STD-020 specification in the Absolute Maximum Ratings.
The following represent the key differences between the 051804 and the 112299 version of the DS80C320/DS80C323 data
sheet. Please review this summary carefully.
1.
Removed “Preliminary” status as a result of final characterization.
2.
Added industrial temperature DS80C323 devices to ordering information.
3.
Updated soldering temperature specification to reflect JEDEC standards.
4.
Updated the following DS80C323 AC timing parameters with final characterization data: tLHLL, tLLAX1, tLLAX2, tLLAX2,
tLLIV, tLLPL, tPLIV, tAVIV1, tRLDV, tRHDZ, tLLDV, tAVDV1, tAVDV2, tLLWL, tAVWL1, tAVWL2, tQVWX, tWHQX, tWHLH.
5.
Updated the following DS80C320 AC timing parameters with final characterization data: tWHQX, tLHLL, tLLAX2, tLLDV,
tAVDV1, tLLWL, tAVWL1, tAVWL2.
6.
Added note advising the need to reset watchdog timer before setting the Stop bit.
7.
Added note clarifying drive strength of P0, P2, ALE,
PSEN.
8.
Obsoleted DS80C320 25MHz AC timing tables; merged into 33MHz AC timing tables.
9.
Corrected Serial Port Mode 0 Timing diagrams to show correct order of D6, D7.
The following represent the key differences between the 041896 and the 052799 version of the DS80C320 data sheet. Please
review this summary carefully.
1.
Corrected VCC pin description to show DS80C323 operation at +3V.
2.
Corrected Timed Access description to show three-cycle window.
3.
Modified absolute Maximum Ratings for any pin relative to around, VCC relative to ground.
4.
Changed minimum oscillator frequency to 1MHz when using external crystal.
5.
Clarified that tPOR begins when XTAL1 reaches VIH2.
The following represent the key differences between the 103196 and the 041896 version of the DS80C320 data sheet. Please
review this summary carefully.
1.
Updated DS80C320 25MHz AC Characteristics.
The following represent the key differences between the 041895 and the 031096 version of the DS80C320 data sheet. Please
review this summary carefully.
1.
Remove Port 0, Port 2 from VOH1 specification (PCN B60802).
2.
VOH1 test specification clarified (RST = VCC).
3.
Add tAVWL2 marking to External Memory Read Cycle figure.
4.
Correct TQFP drawing to read 44-pin TQFP.
5.
Rotate page 1 TQFP illustration to match assembly specifications.
The following represent the key differences between the 031096 and the 052296 version of the DS80C320 data sheet. Please
review this summary carefully.
1.
Added Data Sheet Revision Summary section.
The following represent the key differences between 05/23/96 and 05/22/96 version of the DS80C320 data sheet and
between 05/23/96 and 03/27/95 version of the DS80C323 data sheet. Please review this summary carefully.
DS80C320:
1.
Add DS80C323 Characteristics.
2.
Change DS80C320 VPFW specification from 4.5V to 4.55V (PCN E62802).
3.
Update DS80C320 33MHz AC Characteristics.
DS80C323:
1.
Delete Data Sheet. Contents moved to DS80C320/DS80C323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com