Electronic Components Datasheet Search
  English  ▼

X  

VND920 Datasheet(PDF) 15 Page - STMicroelectronics

Part # VND920
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND920 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VND920 Datasheet HTML 10Page - STMicroelectronics VND920 Datasheet HTML 11Page - STMicroelectronics VND920 Datasheet HTML 12Page - STMicroelectronics VND920 Datasheet HTML 13Page - STMicroelectronics VND920 Datasheet HTML 14Page - STMicroelectronics VND920 Datasheet HTML 15Page - STMicroelectronics VND920 Datasheet HTML 16Page - STMicroelectronics VND920 Datasheet HTML 17Page - STMicroelectronics VND920 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15/18
VND920
Thermal fitting model of a two channels HSD in
SO-28
Pulse calculation formula
Thermal Parameter
Area/island (cm2)0.5
6
R1= (°C/W)
0.02
R2= (°C/W)
0.1
R3= (°C/W)
2.2
R4= (°C/W)
11
R5= (°C/W)
15
R6= (°C/W)
30
13
C1= (W.s/°C)
0.0015
C2= (W.s/°C)
7.00E-03
C3= (W.s/°C)
1.50E-02
C4= (W.s/°C)
0.2
C5= (W.s/°C)
1.5
C6= (W.s/°C)
5
8
Z
TH
δ
R
TH
δ Z
THt p 1
δ
–
()
+
⋅
=
where
δ
t
p T
⁄
=
SO-28 Thermal Impedance Junction Ambient Single Pulse
One channel ON
Two channels ON
on same chip
0.01
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
1000
time(s)
Zth(°C/W)
One channel ON
Tw o channels ON
6 cm ^2/is land
3 cm ^2/is land
0,5 cm ^2/is land
T_amb
Pd1
C1
R4
C3
C4
R3
R1
R6
R5
R2
C5
C6
C2
Pd2
R2
C1
C2
R1
Tj_1
Tj_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com