Electronic Components Datasheet Search
  English  ▼

X  

SC620 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC620
Description  Octal LED Driver, General Purpose Current Sink with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620 Datasheet(HTML) 3 Page - Semtech Corporation

  SC620_07 Datasheet HTML 1Page - Semtech Corporation SC620_07 Datasheet HTML 2Page - Semtech Corporation SC620_07 Datasheet HTML 3Page - Semtech Corporation SC620_07 Datasheet HTML 4Page - Semtech Corporation SC620_07 Datasheet HTML 5Page - Semtech Corporation SC620_07 Datasheet HTML 6Page - Semtech Corporation SC620_07 Datasheet HTML 7Page - Semtech Corporation SC620_07 Datasheet HTML 8Page - Semtech Corporation SC620_07 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SC620
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114-B.
(2)
Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
IN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
Pin Voltage — All Other Pins (V) . . . . . . . . . -0.3 to V
IN
+ 0.3
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Ambient Temperature Range (°C). . . . . . . . . . . . -40 to +85
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . . 39
Operating Junction Temperature (°C) . . . . . . . . -40 to +150
Storage Temperature Range (°C) . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Unless otherwise noted, T
A
= +25°C for Typ, -40ºC to 85°C for Min and Max, V
IN
= 2.7V to 5.5V, C
IN
= 1μF, ΔV
F
≤ 1.5V
Parameter
Symbol
Condition
Min
Typ
Max
Units
Maximum LED Current Setting(1)
I
LEDn
25
mA
LED Current Setting Accuracy(1)
ΔI
LEDn
I
LEDn
= 15mA, V
F
= 3.4V,
V
ILEDn
= 2V, T
A
= 25ºC
-7
+7
%
Load Regulation
ΔI
LEDn
/ ΔV
F
5mA < I
LEDn
≤ 25mA,
T
A
= 25ºC
-2
2
% / V
LED Current Matching Accuracy(1)
I
LED-to-LED
I
LEDn
= 15mA, T
A
= 25ºC
-5
+5
%
Dropout Voltage
V
DO
I
LEDn
= 25mA
150
mV
Shutdown Current
I
SHDN
EN = GND
0.1
1
μA
Current Step Size
I
STEP
Normal Mode(3)
500
μA
Low-Current Mode(4)
31.25
μA
Quiescent Current
I
Q
Standby: EN = V
IN
,
LED1-8 disabled(2)
60
μA
EN = V
IN
, I
LED1-8
= 1.968mA(4)
720
μA
EN = V
IN
, I
LED1-8
= 25mA(3)
4.5
mA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com