Electronic Components Datasheet Search
  English  ▼

X  

SC632 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC632
Description  Fixed 5.0V Output Charge Pump Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC632 Datasheet(HTML) 1 Page - Semtech Corporation

  SC632 Datasheet HTML 1Page - Semtech Corporation SC632 Datasheet HTML 2Page - Semtech Corporation SC632 Datasheet HTML 3Page - Semtech Corporation SC632 Datasheet HTML 4Page - Semtech Corporation SC632 Datasheet HTML 5Page - Semtech Corporation SC632 Datasheet HTML 6Page - Semtech Corporation SC632 Datasheet HTML 7Page - Semtech Corporation SC632 Datasheet HTML 8Page - Semtech Corporation SC632 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
POWER MANAGEMENT
1
SC632
Fixed 5.0V Output
Charge Pump Regulator
© 2008 Semtech Corporation
Features
Input voltage range — 2.9V to 5.5V
V
OUT
tolerance — 5.0V ±3%
Continuous output current — 275mA
Peak output current — 500mA
Three charge pump modes — 1x, 1.5x and 2x
Output ripple ≤ 30mV
PP
for I
OUT
≤ 400mA
Short circuit, over-voltage, and over-temperature
protection
Soft-start functionality
Shutdown current — 0.1μA, typical
Ultra thin package — 2 x 2 x 0.6 (mm)
Fully WEEE and RoHS compliant
Applications
Mobile phones
MP3 players
USB On-The-Go
Multi-LED backlit LCDs
Compact flash/CF+ products
PMPs
Digital video cameras
Digital still cameras
PDAs
Description
The SC632 is a high-current voltage regulator using
Semtech’s proprietary low-noise charge pump technol-
ogy. Performance is optimized for use in single Li-Ion
battery cell applications. The regulator provides the per-
formance of a linear, low drop-out (LDO) voltage regulator
when the input is greater than 5.0V. Unlike an LDO, drop-
out is avoided when the input is less than 5.0V. Instead, a
charge pump is activated to provide voltage boost and
the head-room needed for voltage regulation.
Only two 2.2μF bucket capacitors are required to deliver
the full output current. The charge pump provides a low
EMI solution compared to inductive boost regulators.
The SC632’s charge pump has three modes of operation:
2x, 1.5x, and 1x modes. The 2x and 1.5x modes deliver
current to the load in each of two phases. The 1x mode
turns off the charge pump, delivering current through an
LDO. When active, the charge pump provides low-ripple
operation at 200kHz, which is typically less than 30mVpp
at the output. The SC632 is capable of delivering 275mA
continuous current, with peak current to 500mA. A 22μF
output capacitor is used for decoupling the load and for
smoothing mode transitions. Hysteresis is provided to
prevent chatter between charge pump modes.
The micro lead-frame package is both small and thermally
efficient, measuring 2 x 2 x 0.6 (mm).
SC632
VBAT
VOUT = 5.0V @ 275mA
OUT
C1+
IN
GND
EN
C1-
C2+
C2-
CIN
22μF
COUT
22μF
C1
2.2μF
C2
2.2μF
Chip
enable
Typical Application Circuit
June 19, 2008
Patents Pending


Similar Part No. - SC632

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC632 SEMTECH-SC632 Datasheet
238Kb / 14P
Fixed 5.0V Output Charge Pump Regulator
SC632A SEMTECH-SC632A Datasheet
509Kb / 15P
1MHz Fixed 5.0V Output Charge Pump Regulator
SC632A SEMTECH-SC632A Datasheet
475Kb / 15P
1MHz Fixed 5.0V Output Charge Pump Regulator
SC632AULTRT SEMTECH-SC632AULTRT Datasheet
475Kb / 15P
1MHz Fixed 5.0V Output Charge Pump Regulator
SC632EVB SEMTECH-SC632EVB Datasheet
238Kb / 14P
Fixed 5.0V Output Charge Pump Regulator
More results

Similar Description - SC632

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1603NUV ROHM-BD1603NUV Datasheet
309Kb / 6P
Charge Pump Regulator with Selectable 5.0V/4.5V Output for mobile
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
Negative Output Charge Pump Regulator
logo
Semtech Corporation
SC603 SEMTECH-SC603 Datasheet
793Kb / 12P
CHARGE PUMP REGULATOR WITH SELECTABLE 5.0V/4.5V OUTPUT
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
SC631 SEMTECH-SC631 Datasheet
237Kb / 14P
Fixed 4.4V Output Charge Pump Regulator
SC632 SEMTECH-SC632_1 Datasheet
238Kb / 14P
Fixed 5.0V Output Charge Pump Regulator
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
1MHz Fixed 3.3V Output Charge Pump Regulator
SC632A SEMTECH-SC632A Datasheet
509Kb / 15P
1MHz Fixed 5.0V Output Charge Pump Regulator
SC633 SEMTECH-SC633 Datasheet
514Kb / 15P
Fixed 5.3V Output Charge Pump Regulator
SC632AULTRT SEMTECH-SC632AULTRT Datasheet
475Kb / 15P
1MHz Fixed 5.0V Output Charge Pump Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com